Electronic Components Datasheet Search
  English  ▼

X  

RF3857 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF3857
Description  DUAL CHANNEL LNA WITH BYPASS MODE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3857 Datasheet(HTML) 1 Page - RF Micro Devices

  RF3857 Datasheet HTML 1Page - RF Micro Devices RF3857 Datasheet HTML 2Page - RF Micro Devices RF3857 Datasheet HTML 3Page - RF Micro Devices RF3857 Datasheet HTML 4Page - RF Micro Devices RF3857 Datasheet HTML 5Page - RF Micro Devices RF3857 Datasheet HTML 6Page - RF Micro Devices RF3857 Datasheet HTML 7Page - RF Micro Devices RF3857 Datasheet HTML 8Page - RF Micro Devices RF3857 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1 of 11
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
RF MEMS
LDMOS
GAIN SELECT2
Logic
Control
1
2
3
6
5
4
8
7
12
11
10
9
15
16
13
14
GND
RFOUT2
N/C
N/C
RFOUT1
GND
GAIN SEL1
Logic
Control
RF3857
DUAL CHANNEL LNA WITH BYPASS MODE
The RF3857 is a dual channel switchable low noise amplifier with a very
high dynamic range designed for digital cellular, WiMAX, and WiFi applica-
tions. The device functions as an outstanding front end low noise ampli-
fier. The bias current may be set externally. The RF3857 combines two
receive paths, which is ideal in an application that requires two receive
paths, such as 1x2 and 2x2 MIMO for both WiFi and WiMax aplications.
The IC is featured in a standard QFN, 16-pin, 3mmx3mm plastic package.
Features
Low Noise and High Intercept
Point
Adjustable Bias Current
Power Down Control
Low Insertion Loss Bypass
Feature
1.8V to 4V Operation (See
“Bias Note” on Page 3)
0.9GHz to 4.0GHz Operation
Applications
WiFi LNA with Bypass Feature
WiMAX LNA with Bypass Fea-
ture
CDMA PCS LNA with Bypass
Feature
Suitable for 1x2 or 2x1
MIMO Applications
Commercial and Consumer
Systems
DS110616
Package Style: QFN, 16-Pin, 3mmx3mmx0.45mm


Similar Part No. - RF3857

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3854 RFMD-RF3854 Datasheet
525Kb / 26P
LOW NOISE, MULTI-MODE, QUAD-BAND, QUADRATURE MODULATOR AND PA DRIVER
RF3854PCBA-41X RFMD-RF3854PCBA-41X Datasheet
525Kb / 26P
LOW NOISE, MULTI-MODE, QUAD-BAND, QUADRATURE MODULATOR AND PA DRIVER
RF3855 RFMD-RF3855 Datasheet
174Kb / 6P
3.1V LINEAR POWER AMPLIFIER
RF3858 RFMD-RF3858 Datasheet
878Kb / 11P
3.0 V TO 4.2V, ISM BAND TRANSMIT/RECEIVE MODULE WITH DIVERSITY TRANSFER SWITCH
RF3858PCK-410 RFMD-RF3858PCK-410 Datasheet
878Kb / 11P
3.0 V TO 4.2V, ISM BAND TRANSMIT/RECEIVE MODULE WITH DIVERSITY TRANSFER SWITCH
More results

Similar Description - RF3857

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAMF-010614 MA-COM-MAMF-010614 Datasheet
461Kb / 9P
Integrated SPDT Switch and LNA with Bypass Mode
MAMF-010614 MA-COM-MAMF-010614_15 Datasheet
461Kb / 9P
Integrated SPDT Switch and LNA with Bypass Mode
logo
TriQuint Semiconductor
TQL9042 TRIQUINT-TQL9042_15 Datasheet
643Kb / 9P
500 ??2000 MHz Bypass LNA
QPL9095 TRIQUINT-QPL9095 Datasheet
837Kb / 8P
Ultra Low-Noise, Bypass LNA
QPL9096 TRIQUINT-QPL9096 Datasheet
956Kb / 10P
Ultra Low-Noise, Bypass LNA
QPL9097 TRIQUINT-QPL9097 Datasheet
704Kb / 9P
Ultra Low-Noise, Bypass LNA
logo
Qorvo, Inc
TQL9063 QORVO-TQL9063 Datasheet
668Kb / 12P
Ultra Low-Noise, Bypass LNA
QPL9098 QORVO-QPL9098 Datasheet
2Mb / 17P
Ultra-Low Noise, Bypass LNA
July 25, 2020
QPL9095 QORVO-QPL9095 Datasheet
976Kb / 10P
Ultra Low-Noise, Bypass LNA
July 21, 2020
logo
Guerrilla RF, Inc.
GRF4142 GUERRILLA-GRF4142 Datasheet
1Mb / 23P
LNA/Driver with Bypass 0.1 to 6 GHz
April 18, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com