Electronic Components Datasheet Search
  English  ▼

X  

RF3857 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF3857
Description  DUAL CHANNEL LNA WITH BYPASS MODE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3857 Datasheet(HTML) 4 Page - RF Micro Devices

  RF3857 Datasheet HTML 1Page - RF Micro Devices RF3857 Datasheet HTML 2Page - RF Micro Devices RF3857 Datasheet HTML 3Page - RF Micro Devices RF3857 Datasheet HTML 4Page - RF Micro Devices RF3857 Datasheet HTML 5Page - RF Micro Devices RF3857 Datasheet HTML 6Page - RF Micro Devices RF3857 Datasheet HTML 7Page - RF Micro Devices RF3857 Datasheet HTML 8Page - RF Micro Devices RF3857 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4 of 11
RF3857
DS110616
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Pin
Function
Description
Interface Schematic
1GAIN SEL1
This pin selects high gain and bypass modes for Amplifier 1. Gain
Sel1<0.8V, Amp1 high gain. Gain Sel1>1.8V, Amp1 bypass.
2GND
Amplifier 1 ground connection. For best performance, keep traces physi-
cally short and connect immediately to ground plane.
3RFOUT1
Amplifier 1 output pin. This pin is an open-collector output. It must be
biased to VCC through a choke or matching inductor. This pin is matched to
50
 with the network shown in the evaluation board schematic.
4N/C
No internal connection.
5RFIN1
RF input pin for amplifier 1. This part is designed such that 50
 is the opti-
mal source impedance for best noise figure. Best noise figure is achieved
with only a series capacitor on the input.
6GND
Isolation ground connection. Can be grounded or not connected.
7GND
See pin 7.
8RFIN2
RF input pin for amplifier 2. See pin 5.
9N/C
No internal connection.
10
RFOUT2
Amplifier 2 output pin. See pin 3.
11
GND
Amplifier 2 ground connection. See pin 2.
12
GAIN SEL2
Selects high gain and bypass modes for Amplifier 2. See pin 1.
13
VREF2
Bias control for amplifier 2. An external resistor can be used to set the bias
current for any VREF voltage.
14
N/C
No internal connection.
15
N/C
No internal connection.
16
VREF1
Bias control for amplifier 1. See pin 13.
RF IN
RF OUT
To Bias
Circuit
VBIAS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com