Electronic Components Datasheet Search
  English  ▼

X  

RF3858 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF3858
Description  3.0 V TO 4.2V, ISM BAND TRANSMIT/RECEIVE MODULE WITH DIVERSITY TRANSFER SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3858 Datasheet(HTML) 3 Page - RF Micro Devices

  RF3858 Datasheet HTML 1Page - RF Micro Devices RF3858 Datasheet HTML 2Page - RF Micro Devices RF3858 Datasheet HTML 3Page - RF Micro Devices RF3858 Datasheet HTML 4Page - RF Micro Devices RF3858 Datasheet HTML 5Page - RF Micro Devices RF3858 Datasheet HTML 6Page - RF Micro Devices RF3858 Datasheet HTML 7Page - RF Micro Devices RF3858 Datasheet HTML 8Page - RF Micro Devices RF3858 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
RF3858
3.0 V TO 4.2V, ISM BAND TRANSMIT/RECEIVE
MODULE WITH DIVERSITY TRANSFER SWITCH
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless ConnectivityTM, PowerStar®, POLARISTM TOTAL RADIOTM and UltimateBlueTM are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered
trademarks are the property of their respective owners. ©2009, RF Micro Devices, Inc.
DS130424
7628 Thorndike Road, Greensboro, NC 27409-9421 – For sales or technical
Support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com
3 of 11
Transmit/receive Switch
Frequency Range
868
902 to 928
MHz
Insertion Loss
TX to ANT1 or ANT2
0.85
1.4
dB
RX to ANT1 or ANT2
.95
1.4
dB
Any Path (1800MHz to 1860MHz)
2
dB
Any Path (2700MHz to 2790MHz)
2
dB
Any Path (>3600MHz)
15
dB
Isolation (All Paths)
18
dB
Input IP3
55
dBm
Thermal Resistance
47.8
°C/W
4V VCC, 2.85V VREG, 31dBm POUT, TREF= 85°C
Output Harmonic Levels
2nd
-60
dBc
3rd through 10th
-80
dBc
Input 1dB Gain Compression
30
32
dBm
Return Loss (All Ports)
18
dB
Active ports only
Switch Control Logic HIGH
2.6
3.5
V
Switch Control Logic LOW
0
0.2
V
Switch Control Current
5
µA
VTX2, VRX1, and VRX2
40
µA
VTX1
Transition Time
2
µs
Settle to 0.25dB of final value
Connected Path
RX SW to ANT1
RX SW to ANT2
TX SW to ANT1
TX SW to ANT2
VRX1
High
Low
Low
Low
VRX2
Low
High
Low
Low
VTX1
Low
Low
High
Low
VTX2
Low
Low
Low
High
*Switch Control Logic High=Min 2.6V to Max 3.5V
*Switch Control Logic Low-Min 0.0V to Max 0.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com