Electronic Components Datasheet Search
  English  ▼

X  

RF3858 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF3858
Description  3.0 V TO 4.2V, ISM BAND TRANSMIT/RECEIVE MODULE WITH DIVERSITY TRANSFER SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3858 Datasheet(HTML) 1 Page - RF Micro Devices

  RF3858 Datasheet HTML 1Page - RF Micro Devices RF3858 Datasheet HTML 2Page - RF Micro Devices RF3858 Datasheet HTML 3Page - RF Micro Devices RF3858 Datasheet HTML 4Page - RF Micro Devices RF3858 Datasheet HTML 5Page - RF Micro Devices RF3858 Datasheet HTML 6Page - RF Micro Devices RF3858 Datasheet HTML 7Page - RF Micro Devices RF3858 Datasheet HTML 8Page - RF Micro Devices RF3858 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
RF3858
3.0 V TO 4.2V, ISM BAND TRANSMIT/RECEIVE
MODULE WITH DIVERSITY TRANSFER SWITCH
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless ConnectivityTM, PowerStar®, POLARISTM TOTAL RADIOTM and UltimateBlueTM are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered
trademarks are the property of their respective owners. ©2009, RF Micro Devices, Inc.
DS130424
7628 Thorndike Road, Greensboro, NC 27409-9421 – For sales or technical
Support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com
1 of 11
Package: LGA, 32-pin, 8mm x 8mm x 1.2mm
Features
Integrated LNA, PA and Transfer Switch
Small From Factor 8.0mm x 8.0mm x
1.2mm
50Ω Inputs and Outputs
Low Insertion Loss, High Isolation
Transfer Switch
31.5dBm PA Output Power
Low PA Harmonic Content
Applications
868MHz/900MHz ISM Band Application
Single Chip RF Front End Module
Portable Battery Powered Equipment
Wireless Automatic Metering Applications
Functional Block Diagram
Product Description
The RF3858 is a single-chip front-end module (FEM) for applications in the
868MHz/900MHz Band. The RF3858 addresses the need for aggressive size reduction for
typical portable equipment RF front-end design and greatly reduces the number of
components outside of the core chipset thus minimizing the footprint and assembly cost of
the overall solution. The RF 3858 contains an integrated 1 Watt PA, TX/RX transfer switch,
LNA with bypass mode, and matching components. The RF3858 is packaged in a 32-pin,
8.0mm x 8.0mm x 1.2mm over molded laminated package with backside ground which
greatly minimizes next level board space and allow for simplified integration .
Optimum Technology Matching® Applied
GaAs HBT
SiGe BiCMOS
GaAs pHEMT
GaN HEM
GaAs MESFET
Si BiCMOS
Si CMOS
RF MEMS
InGaP HBT
SiGe HBT
Si BJT
LDMOS


Similar Part No. - RF3858

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3854 RFMD-RF3854 Datasheet
525Kb / 26P
LOW NOISE, MULTI-MODE, QUAD-BAND, QUADRATURE MODULATOR AND PA DRIVER
RF3854PCBA-41X RFMD-RF3854PCBA-41X Datasheet
525Kb / 26P
LOW NOISE, MULTI-MODE, QUAD-BAND, QUADRATURE MODULATOR AND PA DRIVER
RF3855 RFMD-RF3855 Datasheet
174Kb / 6P
3.1V LINEAR POWER AMPLIFIER
RF3857 RFMD-RF3857 Datasheet
624Kb / 11P
DUAL CHANNEL LNA WITH BYPASS MODE
RF3857PCK-410 RFMD-RF3857PCK-410 Datasheet
624Kb / 11P
DUAL CHANNEL LNA WITH BYPASS MODE
More results

Similar Description - RF3858

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFFM6403 RFMD-RFFM6403 Datasheet
553Kb / 10P
2.5V to 4.2V, ISM Band, 1W, 405MHz to 475MHz Transmit/Receive Module
RFFM6500 RFMD-RFFM6500 Datasheet
608Kb / 9P
2.7V to 4.2V, 168MHz to 171MHz ISM Band Transmit/Receive Module
RFFM6900 RFMD-RFFM6900 Datasheet
666Kb / 12P
2.5V TO 4.2V, ISM BAND, 1W 915MHz Transmit/Receive Module
RFFM6901 RFMD-RFFM6901 Datasheet
979Kb / 13P
2.8V TO 4.2V, 915MHZ ISM BAND TRANSMIT/ RECEIVE MODULE WITH DIVERSITY SWITCH
RFFM6903 RFMD-RFFM6903 Datasheet
1Mb / 11P
2.5V to 4.2V, ISM Band, 1W 915MHZ Transmit/Receive Module
RFFM6904 RFMD-RFFM6904 Datasheet
839Kb / 10P
3.0V TO 4.2V, ISM BAND TRANSMIT/RECEIVE MODULE WITH DIVERSITY TRANSFER SWITCH
logo
Qorvo, Inc
RFFM6901 QORVO-RFFM6901 Datasheet
925Kb / 11P
2.8V to 4.2V, 915MHz ISM Band Transmit/Receive Module with Diversity Switch
RFFM6904 QORVO-RFFM6904 Datasheet
839Kb / 10P
3.0V TO 4.2V, ISM BAND TRANSMIT/RECEIVE MODULE WITH DIVERSITY TRANSFER SWITCH
RFFM6900 QORVO-RFFM6900 Datasheet
980Kb / 12P
2.5V TO 4.2V, ISM BAND, 1W 915MHz Transmit/Receive Module
RFFM6500 QORVO-RFFM6500 Datasheet
610Kb / 9P
2.7V to 4.2V, 168MHz to 171MHz ISM Band Transmit/Receive Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com