Electronic Components Datasheet Search
  English  ▼

X  

RF3858 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF3858
Description  3.0 V TO 4.2V, ISM BAND TRANSMIT/RECEIVE MODULE WITH DIVERSITY TRANSFER SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3858 Datasheet(HTML) 5 Page - RF Micro Devices

  RF3858 Datasheet HTML 1Page - RF Micro Devices RF3858 Datasheet HTML 2Page - RF Micro Devices RF3858 Datasheet HTML 3Page - RF Micro Devices RF3858 Datasheet HTML 4Page - RF Micro Devices RF3858 Datasheet HTML 5Page - RF Micro Devices RF3858 Datasheet HTML 6Page - RF Micro Devices RF3858 Datasheet HTML 7Page - RF Micro Devices RF3858 Datasheet HTML 8Page - RF Micro Devices RF3858 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
RF3858
3.0 V TO 4.2V, ISM BAND TRANSMIT/RECEIVE
MODULE WITH DIVERSITY TRANSFER SWITCH
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless ConnectivityTM, PowerStar®, POLARISTM TOTAL RADIOTM and UltimateBlueTM are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered
trademarks are the property of their respective owners. ©2009, RF Micro Devices, Inc.
DS130424
7628 Thorndike Road, Greensboro, NC 27409-9421 – For sales or technical
Support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com
5 of 11
Package Drawing
All units in µm.
Pin A= 510 x 475
Pin B= 510 x 510
Pin C= 475 x 510



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com