Electronic Components Datasheet Search
  English  ▼

X  

RF3858 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF3858
Description  3.0 V TO 4.2V, ISM BAND TRANSMIT/RECEIVE MODULE WITH DIVERSITY TRANSFER SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3858 Datasheet(HTML) 4 Page - RF Micro Devices

  RF3858 Datasheet HTML 1Page - RF Micro Devices RF3858 Datasheet HTML 2Page - RF Micro Devices RF3858 Datasheet HTML 3Page - RF Micro Devices RF3858 Datasheet HTML 4Page - RF Micro Devices RF3858 Datasheet HTML 5Page - RF Micro Devices RF3858 Datasheet HTML 6Page - RF Micro Devices RF3858 Datasheet HTML 7Page - RF Micro Devices RF3858 Datasheet HTML 8Page - RF Micro Devices RF3858 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
RF3858
3.0 V TO 4.2V, ISM BAND TRANSMIT/RECEIVE
MODULE WITH DIVERSITY TRANSFER SWITCH
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless ConnectivityTM, PowerStar®, POLARISTM TOTAL RADIOTM and UltimateBlueTM are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered
trademarks are the property of their respective owners. ©2009, RF Micro Devices, Inc.
DS130424
7628 Thorndike Road, Greensboro, NC 27409-9421 – For sales or technical
Support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com
4 of 11
Pin
Function
Description
1
LNA IN
RF Input to the low noise amplifier, 50Ω nominal impedance.
2
LNA VREF
Voltage to set the bias level to the LNA, 3.0V nominal, can be used to shut the LNA off or to adjust the quiescent current.
3
LNA SELECT
A logic low selects the high gain mode of the LNA, logic high selects the low gain mode.
4
RX SWITCH
INPUT
RF port from the Switch going to the LNA input, 50Ω nominal impedance.
5
TX SWITCH
INPUT
RF port from the Switch going to the PA input, 50Ω nominal impedance.
6
GND
Ground.
7
PA VCC2
Voltage supply for the Power Amplifier, nominal voltage is 3.6V.
8
GND
Ground.
9
GND
Ground.
10
PA OUT
RF output from the Power Amplifier, 50Ω nominal impedance.
11
GND
Ground.
12
GND
Ground.
13
GND
Ground.
14
PA BIAS
Voltage supply for the Power Amplifier bias network, nominal voltage is 3.6V.
15
PA VREG
Voltage to set the bias level of the Power Amplifier, nominal voltage is 2.85V.
16
GND
Ground.
17
GND
Ground.
18
PA IN
RF Input to the Power Amplifier, 50Ω nominal impedance.
19
GND
Ground.
20
PA VCC1
Voltage supply for the Power Amplifier, nominal voltage is 3.6V
21
VTX2
Logic input to the Switch, see Logic Table below.
22
VTX1
Logic input to the Switch, see Logic Table below.
23
ANT2
RF port from the Switch going to Antenna 1, 50Ω nominal impedance.
24
ANT1
RF port from the Switch going to Antenna 2, 50Ω nominal impedance.
25
VRX1
Logic input to the Switch, see Logic Table below.
26
VRX2
Logic input to the Switch, see Logic Table below.
27
LNA VCC
LNA Collector Voltage, nominal voltage is 3.0V.
28
GND
Ground.
29
LNA OUT
RF Output from the low noise amplifier, 50Ω nominal impedance.
30
GND
Ground.
31
GND
Ground.
32
GND
Ground.
Pkg Base
GND
The central metal base of package provides DC and RF GND as well as heat sink for the amplifier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com