Electronic Components Datasheet Search
  English  ▼

X  

RF5112 Datasheet(PDF) 16 Page - RF Micro Devices

Part # RF5112
Description  3V TO 5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5112 Datasheet(HTML) 16 Page - RF Micro Devices

Back Button RF5112 Datasheet HTML 11Page - RF Micro Devices RF5112 Datasheet HTML 12Page - RF Micro Devices RF5112 Datasheet HTML 13Page - RF Micro Devices RF5112 Datasheet HTML 14Page - RF Micro Devices RF5112 Datasheet HTML 15Page - RF Micro Devices RF5112 Datasheet HTML 16Page - RF Micro Devices RF5112 Datasheet HTML 17Page - RF Micro Devices RF5112 Datasheet HTML 18Page - RF Micro Devices RF5112 Datasheet HTML 19Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
16 of 19
RF5112
DS110617
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
3.3V Operation Typical Performance
H2(dBm) versus Output Power over Frequency
VCC=3.3V, DSSS 1Mbps, 100% Duty Cycle, Temp=25C
-70.0
-60.0
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
1
4
7
10
13
16
19
22
25
28
POUT (dBm)
2400MHz
2450MHz
2500MHz
H3(dBm) versus Output Power over Frequency
VCC=3.3V, DSSS 1Mbps, 100% Duty Cycle, Temp=25C
-70.0
-60.0
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
1
4
7
10
13
16
19
22
25
28
POUT (dBm)
2400MHz
2450MHz
2500MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com