Electronic Components Datasheet Search
  English  ▼

X  

RF5112 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF5112
Description  3V TO 5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5112 Datasheet(HTML) 3 Page - RF Micro Devices

  RF5112 Datasheet HTML 1Page - RF Micro Devices RF5112 Datasheet HTML 2Page - RF Micro Devices RF5112 Datasheet HTML 3Page - RF Micro Devices RF5112 Datasheet HTML 4Page - RF Micro Devices RF5112 Datasheet HTML 5Page - RF Micro Devices RF5112 Datasheet HTML 6Page - RF Micro Devices RF5112 Datasheet HTML 7Page - RF Micro Devices RF5112 Datasheet HTML 8Page - RF Micro Devices RF5112 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3 of 19
RF5112
DS110617
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Input return loss
-10
dB
Gain
27.5
29
TBD
dB
At both VCC=3.3V and 5.0V
Gain Variance
0.75
±dB
-40°C to +85°C
Power Detector (P_detect)
0.1
1.3
V
For POUT=0dBm to 23dBm with VCC=3.3V,
11b
0.1
2.5
V
For POUT=0dBm to 25dBm with VCC=5.0V,
11b
Current
Operating
185
TBD
mA
VCC=3.3V, POUT=+21dBm
250
TBD
mA
VCC=5.0V, POUT=23dBm
Quiescent
95
TBD
mA
RF=OFF, VCC=3.3V
TBD
TBD
mA
RF=OFF, VCC=5.0V
IREG
10
mA
Shutdown
10
A
Current
Operating
100
TBD
mA
at +18dBm RF POUT and 54Mbps datarate at
<2% EVM RMS, mean
Quiescent
75
mA
at +18dBm RF POUT and 54Mbps datarate at
<2% EVM RMS, mean
IREG
10
mA
at +18dBm RF POUT and 54Mbps datarate at
<2% EVM RMS, mean
Shutdown
10
A
at +18dBm RF POUT and 54Mbps datarate at
<2% EVM RMS, mean
Power Supply
3.0
3.3
5
VDC
Operating
VREG1, VREG2 Input Voltage
2.75
2.85
3.0
VDC
Operating
VREG1, VREG2 Current
510
mA
VCC=+3.3VDC
510
mA
VCC=+5.0VDC
Output VSWR
10:1
Input Return Loss
-15
-10
dB
Turn-on time*
.5
1.0
uSec
Output stable to within 90% of final gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com