Electronic Components Datasheet Search
  English  ▼

X  

RF5112 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF5112
Description  3V TO 5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5112 Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RF5112 Datasheet HTML 4Page - RF Micro Devices RF5112 Datasheet HTML 5Page - RF Micro Devices RF5112 Datasheet HTML 6Page - RF Micro Devices RF5112 Datasheet HTML 7Page - RF Micro Devices RF5112 Datasheet HTML 8Page - RF Micro Devices RF5112 Datasheet HTML 9Page - RF Micro Devices RF5112 Datasheet HTML 10Page - RF Micro Devices RF5112 Datasheet HTML 11Page - RF Micro Devices RF5112 Datasheet HTML 12Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8 of 19
RF5112
DS110617
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Evaluation Board Schematic - 3.3V
50
strip
J1
RF IN
C2
1 nF
C3
1 nF
C9
330 pF
R2
68
VREG1 and 2
PDETECT
C10
2.7 pF
L2
6.8 nH
Coilcraft
L1
7.5 nH
C6
1
F
C7
1
F
C1
1 nF
VCC
GND
P2-1
PDETECT
P2-3
VREG2
P2-4
VREG1
P2
1
2
3
4
HDR_1x4
P4
1
GND
50
strip
J2
RF OUT
C12
10 pF
16
15
14
13
5
6
7
8
9
10
11
12
4
3
2
1
1
Notes:
1. Pins 1, 4, 13, and 15 may be left as No Connect.
2. C2 and C3 bypass caps can be removed if
VREG1 and VREG2 are supplied with clean
voltages.
*DNP=Do Not Place
1
1
1
P3
1
P3-1
VCC
P1
1
2
C8
4.7
F
C11
DNP
TL
TL
TL = 112 mils (50
) from IC
(Measured to center of C10 pad)
GND
VCC
P1-1
5125400, r.-
R5
10
R4
1.8k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com