Electronic Components Datasheet Search
  English  ▼

X  

RF5322 Datasheet(PDF) 11 Page - RF Micro Devices

Part # RF5322
Description  3V TO 4.5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5322 Datasheet(HTML) 11 Page - RF Micro Devices

Back Button RF5322 Datasheet HTML 4Page - RF Micro Devices RF5322 Datasheet HTML 5Page - RF Micro Devices RF5322 Datasheet HTML 6Page - RF Micro Devices RF5322 Datasheet HTML 7Page - RF Micro Devices RF5322 Datasheet HTML 8Page - RF Micro Devices RF5322 Datasheet HTML 9Page - RF Micro Devices RF5322 Datasheet HTML 10Page - RF Micro Devices RF5322 Datasheet HTML 11Page - RF Micro Devices RF5322 Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11 of 12
RF5322
DS110618
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
ACP versus POUT
-80.0
-70.0
-60.0
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
Output Power (dBm)
ACP1 2400MHz
ACP1 2450MHz
ACP1 2500MHz
2400MHz ACP2
2450MHz ACP2
2500MHz ACP2
EVM versus P
OUT
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
0.0
5.0
10.0
15.0
20.0
Output Power (dBm)
2400MHz
2450MHz
2500MHz
Gain verus POUT
22.0
23.0
24.0
25.0
26.0
27.0
28.0
29.0
30.0
0.0
5.0
10.0
15.0
20.0
25.0
Output Power (dBm)
2400MHz
2450MHz
2500MHz
Operating Current versus P
OUT
40.0
50.0
60.0
70.0
80.0
90.0
100.0
110.0
120.0
130.0
140.0
150.0
0.0
5.0
10.0
15.0
20.0
Output Power (dBm)
2400MHz
2450MHz
2500MHz
P
DETECT versus POUT
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.0
5.0
10.0
15.0
20.0
Output Power (dBm)
2400MHz
2450MHz
2500MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com