Electronic Components Datasheet Search
  English  ▼

X  

RF5322 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF5322
Description  3V TO 4.5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5322 Datasheet(HTML) 2 Page - RF Micro Devices

  RF5322 Datasheet HTML 1Page - RF Micro Devices RF5322 Datasheet HTML 2Page - RF Micro Devices RF5322 Datasheet HTML 3Page - RF Micro Devices RF5322 Datasheet HTML 4Page - RF Micro Devices RF5322 Datasheet HTML 5Page - RF Micro Devices RF5322 Datasheet HTML 6Page - RF Micro Devices RF5322 Datasheet HTML 7Page - RF Micro Devices RF5322 Datasheet HTML 8Page - RF Micro Devices RF5322 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2 of 12
RF5322
DS110618
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.5 to +5.0
V
DC
Power Control Voltage (V
REG)
-0.5 to 3.5
V
DC Supply Current
400
mA
Input RF Power
+5
dBm
Operating Ambient Temperature
-30 to +85
°C
Storage Temperature
-40 to +150
°C
Moisture sensitivity
JEDEC Level 2
ESD HBM
450
V
MM
50
V
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
Temperature=+25°C, VCC=3.3V,
VREG=2.8V pulsed at 1% to 100% duty cycle,
Frequency=2450MHz,
circuit per evaluation board schematic, unless
otherwise specified
Frequency
2.40
2.50
GHz
IEEE802.11g
IEEE802.11n
Output Power
18
dBm
At max data rate, OFDM modulation
EVM*
2.5
4
%
RMS, mean
Gain
23.5
24.5
dB
At +18dBm RF POUT and 54Mbps
Gain Variance
1.25
±dB
-30°C to +85°C
Power Detector
POUT=8dBm
0.4
0.7
V
POUT=18dBm
1.25
1.35
1.50
V
Current
Operating
130
145
mA
At +18dBm RF POUT and 54Mbps
11b Operating
175
mA
Quiescent
95
110
mA
Data rate at <3.5% EVM RMS, mean,
T=-30°C to +50°C
IREG Current
2
mA
VCC=+3.3VDC
Shutdown
10
A
Power Supply
3.0
3.3
4.5
VDC
Operating Range
VREG1, VREG2 Input Voltage
2.75
2.85
2.9
VDC
Operating Range
Output VSWR
10:1
Input Return Loss
-15
-10
dB
Turn-on Time**
0.5
1.0
S
Output stable to within 90% of final gain
Second Harmonic
-23
-15
dBm
20dBm POUT and 1Mbps
Third Harmonic
-35
dBm
20dBm POUT and 1Mbps
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com