Electronic Components Datasheet Search
  English  ▼

X  

RF5322 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF5322
Description  3V TO 4.5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5322 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF5322 Datasheet HTML 3Page - RF Micro Devices RF5322 Datasheet HTML 4Page - RF Micro Devices RF5322 Datasheet HTML 5Page - RF Micro Devices RF5322 Datasheet HTML 6Page - RF Micro Devices RF5322 Datasheet HTML 7Page - RF Micro Devices RF5322 Datasheet HTML 8Page - RF Micro Devices RF5322 Datasheet HTML 9Page - RF Micro Devices RF5322 Datasheet HTML 10Page - RF Micro Devices RF5322 Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7 of 12
RF5322
DS110618
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Application Schematic
for Improved Second Harmonic Performance
1
2
8
7
5
6
4**
3
330 pF
1
F
27 nH
1 nF
PDETECT
* The 2.4 pFcapcanbe placedat the same point as the 1.8 nHinductor
whichshould be as close as possible tothe DCblockingcap (10 pF). The
placement canbe modifiedfor the best linear performance. Aseries
capacitor (10 pF) must be addedtoprovide a DCblock after the 2Fo Filter.
VREG
2.4 pF*
1.8 nH*
10 pF
**Pin4 must be left as a no-connect onthe PCB.
P2
3
2
1
GND
P1
1
2
3
P2-3
VREG
GND
P2-2
PDETECT
P1-2
VCC
P1-3
VCC
J1
RFIN
50
strip
J4
RFOUT
50
strip
10 pF
50
strip
3.6K
1
F
VCC
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com