Electronic Components Datasheet Search
  English  ▼

X  

RF5540 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF5540
Description  4.9GHz TO 5.85GHz SWITCH AND LNA FRONT END SOLUTION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5540 Datasheet(HTML) 3 Page - RF Micro Devices

  RF5540 Datasheet HTML 1Page - RF Micro Devices RF5540 Datasheet HTML 2Page - RF Micro Devices RF5540 Datasheet HTML 3Page - RF Micro Devices RF5540 Datasheet HTML 4Page - RF Micro Devices RF5540 Datasheet HTML 5Page - RF Micro Devices RF5540 Datasheet HTML 6Page - RF Micro Devices RF5540 Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3 of 7
RF5540
DS130128
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Transmit Switch Parameters
IEEE 802.11a, FCC CFR 15.247, .205, .209, EN and JDEC,
Control voltage=2.5 to 4.8V, Temp=15°C to +75°C,
Freq=4.9GHz to 5.85GHz, unless otherwise noted
Frequency
4.90
5.85
GHz
Insertion Loss
1
1.8
dB
Includes temp range -40 to +85C
Passband Ripple
-0.2
+0.2
dB
Over all conditions
Input P1dB
25
30
dBm
Switch ports only, over all conditions
23
dBm
Extended temp range -40C to +85C; CW signal
Input Power
18
dBm
System EVM=0.5% assumed for the incoming signal;
18dbm at the input with 1% composite EVM at the output.
Input Return Loss
9.6
12
dB
Over all conditions
Output Return Loss
8.5
12
dB
Over all conditions
Port Impedance Tuning
50
All RF ports tuned for 50
 system
Isolation TX to RX
20
dB
TX DC mode, path ANT to RX, over all conditions
Isolation RX to TX
20
dB
WiFi RX Bypass Mode, path ANT-TX, over all conditions
Switch Control Current
35
50
uA
Per control line, over all conditions
100
uA
Extended temp range -40C to +85C
Switch Control Speed
75
150
nsec
Over all conditions



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com