Electronic Components Datasheet Search
  English  ▼

X  

RF5540 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF5540
Description  4.9GHz TO 5.85GHz SWITCH AND LNA FRONT END SOLUTION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5540 Datasheet(HTML) 7 Page - RF Micro Devices

  RF5540 Datasheet HTML 1Page - RF Micro Devices RF5540 Datasheet HTML 2Page - RF Micro Devices RF5540 Datasheet HTML 3Page - RF Micro Devices RF5540 Datasheet HTML 4Page - RF Micro Devices RF5540 Datasheet HTML 5Page - RF Micro Devices RF5540 Datasheet HTML 6Page - RF Micro Devices RF5540 Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7 of 7
RF5540
DS130128
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
RF5540 Performance Plots
8
10
12
14
16
18
20
22
24
4900
5100
5400
5850
FREQUENCY (MHz)
RF5540:HighGainversusTemperature
(V
DD =3.3V;ControlVoltage High2.7V,ControlVoltage Low0.2V)
15C
+25C
+75C
10
12
14
16
18
20
22
24
4900
5100
5400
5850
FREQUENCY (MHz)
RF5540:OperatingCurrentversusTemperature
(V
DD =3.3V;ControlVoltage High2.8V,ControlVoltage Low0.2V)
15C
+25C
+75C
0
1
2
3
4
5
4900
5100
5400
5850
FREQUENCY (MHz)
RF5540:NoiseFigureversusTemperature
(V
DD =3.3V;ControlVoltage High2.8V,ControlVoltage Low0.2V)
15C
+25C
+75C
3
2.5
2
1.5
1
0.5
0
4900
5000
5100
5200
5300
5400
5500
5600
5700
5800
5900
FREQUENCY (MHz)
RF5540:TransmitInsertionLossversusTemperature
(V
DD =3.3V;ControlVoltage High2.8V,ControlVoltage Low0.2V)
15C
+25C
+75C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com