Electronic Components Datasheet Search
  English  ▼

X  

RF5540 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF5540
Description  4.9GHz TO 5.85GHz SWITCH AND LNA FRONT END SOLUTION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5540 Datasheet(HTML) 4 Page - RF Micro Devices

  RF5540 Datasheet HTML 1Page - RF Micro Devices RF5540 Datasheet HTML 2Page - RF Micro Devices RF5540 Datasheet HTML 3Page - RF Micro Devices RF5540 Datasheet HTML 4Page - RF Micro Devices RF5540 Datasheet HTML 5Page - RF Micro Devices RF5540 Datasheet HTML 6Page - RF Micro Devices RF5540 Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4 of 7
RF5540
DS130128
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Pin Out
Switch Logic Truth Table:
Pin
Function
Description
1GND
Ground.
2ANT
This is the common port (antenna). Matched to 50
. External DC blocking capacitor required.
3GND
Ground.
4
LNA_EN
LNA Enable/Bypass Enable control pin. See switch truth table for proper settings.
5GND
Ground.
6VDD
Supply voltage to the LNA.
7NC
No Board Connection Allowed.
8RX_OUT
Receive port for 802.11a/n band. RX output includes integrated DC-block and 50
 match.
9NC
No Board Connection Allowed.
10
GND
Ground.
11
TX_IN
Transmit port for 802.11a/n band. Matched to 50
. External DC blocking capacitor required.
12
C_TX/RX
Transmit and receive mode control pin. See switch truth table for proper settings.
Mode
C_TX/RX LNA_EN
RX Gain
L
H
RX Bypass
L
L
TX
H
L
1
2
3
9
8
7
6
5
4
12
GND
NC
RX_Out
ANT
10
11
GND
NC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com