Electronic Components Datasheet Search
  English  ▼

X  

RF5540 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF5540
Description  4.9GHz TO 5.85GHz SWITCH AND LNA FRONT END SOLUTION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5540 Datasheet(HTML) 6 Page - RF Micro Devices

  RF5540 Datasheet HTML 1Page - RF Micro Devices RF5540 Datasheet HTML 2Page - RF Micro Devices RF5540 Datasheet HTML 3Page - RF Micro Devices RF5540 Datasheet HTML 4Page - RF Micro Devices RF5540 Datasheet HTML 5Page - RF Micro Devices RF5540 Datasheet HTML 6Page - RF Micro Devices RF5540 Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6 of 7
RF5540
DS130128
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
PCB Pattern
Application Schematic
E
PCB STENCIL PATTERN
A
A
B
B
D
D
D
D
C
C
C
C
A
A
B
B
D
D
C
D
C
C
D
C
A
A
B
B
D
D
D
D
C
C
C
C
PCB SOLDER MASK PATTERN
PCB METAL PATTERN
A = 0.250 x 0.402 (mm) Typ
B = 0.402 x 0.250 (mm) Typ
C = 0.250 x 0.402 (mm) 60% Rounded Rectangle
D = 0.402 x 0.250 (mm) 60% Rounded Rectangle
E = 1.050 x 1.050 (mm)
E
E
0.000
3x 0.926
2x 0.500
3x 0.926
2x 0.500
12x
0.200
8x 0.250
0.000
3x 0.926
2x 0.500
3x 0.926
2x 0.500
12x
0.100
8x
0.150
A = 0.350 x 0.502 (mm) Typ
B = 0.502 x 0.350 (mm) Typ
C = 0.350 x 0.502 (mm) 60% Rounded Rectangle
D = 0.502 x 0.350 (mm) 60% Rounded Rectangle
E = 1.150 x 1.150 (mm)
A = 0.225 x 0.362 (mm)
B = 0.362 x 0.225 (mm)
C = 0.225 x 0.362 (mm) 60% Rounded Rectangle
D = 0.362 x 0.225 (mm) 60% Rounded Rectangle
E = 0.945 x 0.945 (mm)
0.000
3x 0.926
2x 0.500
12x
0.273
8x
0.275
3x 0.926
2x 0.500
Shaded area represents Pin 1 location.
1
2
3
9
8
7
6
5
4
12
10
11
ANT
LNA_EN
TX_IN
RX_OUT
VDD
0.1uF
100 pF
100 pF
C_TX/RX



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com