Electronic Components Datasheet Search
  English  ▼

X  

RF6505 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF6505
Description  3.2V TO 4.2V, 2.4GHz FRONT END MODULE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6505 Datasheet(HTML) 3 Page - RF Micro Devices

  RF6505 Datasheet HTML 1Page - RF Micro Devices RF6505 Datasheet HTML 2Page - RF Micro Devices RF6505 Datasheet HTML 3Page - RF Micro Devices RF6505 Datasheet HTML 4Page - RF Micro Devices RF6505 Datasheet HTML 5Page - RF Micro Devices RF6505 Datasheet HTML 6Page - RF Micro Devices RF6505 Datasheet HTML 7Page - RF Micro Devices RF6505 Datasheet HTML 8Page - RF Micro Devices RF6505 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3 of 9
RF6505
DS140925
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Receive Parameters
Frequency
2400
2483
MHz
Gain
10
dB
From antenna to RX pin (entire RX path).
Noise Figure
2.2
3
dB
From antenna to RX pin (entire RX path).
Current
7
15
mA
LNA + Switches
Input IP3
3
7
dBm
Gain flatness
-0.5
0.5
dB
Input return loss
10
12
dB
Output return loss
10
dB
Amplitude imbalance
-1
1
dB
Phase imbalance
-10
10
deg
ByPass Mode
Frequency
2400
2483
MHz
Insertion loss
5.5
7
dB
Entire RX path
Current
20
μAANT1 and ANT2
Input IP3
15
dBm
Gain Flatness
-0.5
0.5
dB
Input return loss
10
12
dB
Output return loss
10
dB
Amplitude imbalance
-1
1
dB
Phase imbalance
-10
10
deg
Antenna Switch
RF-to-Control Isolation
50
dB
Measured at any control pin while in TX or RX
mode.
ANT1 to ANT2 Isolation
18
20
dB
Measured from Antenna 1 to Antenna 2 port
while in TX or RX mode.
Switch Control Logic = HIGH
2.8
3.1
V
All Logic I/O’s
Switch Control Logic = LOW
0.0
0.4
V
All Logic I/O’s
Switch Control Current. Logic HIGH
5.0
10.0
μA
All Logic I/O’s
Switch Control Current. Logic LOW
0.1
μA
All Logic I/O’s
Antenna Select Switch Speed
1
μS
ANT1 or ANT2 path, TX or RX mode



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com