Electronic Components Datasheet Search
  English  ▼

X  

RF6505 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF6505
Description  3.2V TO 4.2V, 2.4GHz FRONT END MODULE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6505 Datasheet(HTML) 1 Page - RF Micro Devices

  RF6505 Datasheet HTML 1Page - RF Micro Devices RF6505 Datasheet HTML 2Page - RF Micro Devices RF6505 Datasheet HTML 3Page - RF Micro Devices RF6505 Datasheet HTML 4Page - RF Micro Devices RF6505 Datasheet HTML 5Page - RF Micro Devices RF6505 Datasheet HTML 6Page - RF Micro Devices RF6505 Datasheet HTML 7Page - RF Micro Devices RF6505 Datasheet HTML 8Page - RF Micro Devices RF6505 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1 of 9
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Ordering Information
BiFET HBT
LDMOS
2
3
4
5
1
14
13
12
15
20
19
18
17
16
6
8
7
9
10
VCC
GND
GND
GND
ANT1
ANT2
RFN
RFP
TX_EN
11 N/C
RF6505
3.2V TO 4.2V, 2.4GHz FRONT END MODULE
The RF6505 integrates a complete solution in a single Front End Module (FEM) for
WiFi and ZigBee applications in the 2.4GHz to 2.5GHz band. This FEM integrates a
balun, TX/RX switch, power amplifier, harmonic filter, DP2T switch, and low noise
amplifier with bypass mode. It provides a single balanced TDD access for Rx and Tx
paths along with two ports on the output for connecting a diversity solution or a test
port. The device is provided in a 3.5mm x 3.5mm x 0.5mm, 20-pin QFN package.
Features
TX P1dB: 27dBm
Integrated RF Front End
Module, Balun, PA, Filter, Ant
Switch, LNA with Bypass,
TX/RX Switch
Single Differential
Bidirectional TX/RX Port.
Compatible with most
transceivers
Applications
ZigBee® 802.15.4 Based
Systems for Remote
Monitoring and Control
WiFi 802.11b/g
2.4GHz ISM band
applications
Smart Meters for Energy
Management
RF6505
Standard 25 piece bag
RF6505SR
Standard 100 piece reel
RF6505TR7
Standard 750 piece reel
RF6505TR13
Standard 2500 piece reel
RF6505PCK-410
Fully assembled evaluation board and 5 loose pieces
DS140925
Package Style: QFN, 20-Pin, 3.5mmx3.5mmx0.55mm


Similar Part No. - RF6505

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
RF650 RFSOLUTIONS-RF650 Datasheet
365Kb / 11P
SMART RADIO TRANSCEIVER
RF650-868 RFSOLUTIONS-RF650-868 Datasheet
365Kb / 11P
SMART RADIO TRANSCEIVER
RF650-EVAL RFSOLUTIONS-RF650-EVAL Datasheet
365Kb / 11P
SMART RADIO TRANSCEIVER
logo
RF Micro Devices
RF6504 RFMD-RF6504 Datasheet
677Kb / 8P
3.3V TO 4.0V, 433MHz TO 470MHz TRANSMIT/RECEIVE FRONT END MODULE
RF6504PCK-410 RFMD-RF6504PCK-410 Datasheet
677Kb / 8P
3.3V TO 4.0V, 433MHz TO 470MHz TRANSMIT/RECEIVE FRONT END MODULE
More results

Similar Description - RF6505

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF6525 RFMD-RF6525 Datasheet
1Mb / 11P
3.0V TO 4.2V, 2.4GHz FRONT END MODULE
RF6535 RFMD-RF6535 Datasheet
1,001Kb / 8P
3.0V to 4.2V, 2.4GHz Front End Module
RF6545 RFMD-RF6545 Datasheet
1Mb / 9P
3.0V TO 3.6V, 2.4GHz FRONT END MODULE
RF6575 RFMD-RF6575 Datasheet
837Kb / 9P
3.0V TO 3.6V, 2.4GHz FRONT END MODULE
RFFM6201 RFMD-RFFM6201 Datasheet
786Kb / 9P
2.0V TO 3.6V, 2.4GHZ FRONT END MODULE
RFFM6204 RFMD-RFFM6204 Datasheet
303Kb / 9P
2.0V to 4.0V, 2.4GHz Front End Module
RFFM8209 RFMD-RFFM8209 Datasheet
545Kb / 10P
WiFi Front-End Module 2.4GHz to 2.5GHz
logo
Qorvo, Inc
RFFM6205 QORVO-RFFM6205 Datasheet
353Kb / 8P
2.0V to 4.0V, 2.4GHz Front End Module
RFFM6204 QORVO-RFFM6204 Datasheet
571Kb / 9P
2.0V to 4.0V, 2.4GHz Front End Module
RF6555 QORVO-RF6555 Datasheet
727Kb / 10P
2.0V TO 3.6V, 2.4GHz FRONT END MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com