Electronic Components Datasheet Search
  English  ▼

X  

RF6505 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF6505
Description  3.2V TO 4.2V, 2.4GHz FRONT END MODULE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6505 Datasheet(HTML) 4 Page - RF Micro Devices

  RF6505 Datasheet HTML 1Page - RF Micro Devices RF6505 Datasheet HTML 2Page - RF Micro Devices RF6505 Datasheet HTML 3Page - RF Micro Devices RF6505 Datasheet HTML 4Page - RF Micro Devices RF6505 Datasheet HTML 5Page - RF Micro Devices RF6505 Datasheet HTML 6Page - RF Micro Devices RF6505 Datasheet HTML 7Page - RF Micro Devices RF6505 Datasheet HTML 8Page - RF Micro Devices RF6505 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4 of 9
RF6505
DS140925
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Pin
Function
Description
1RFN
Differential RF input for PA (TX_Mode) and output for LNA (RX_Mode) internally matched to 100
Ω.
2GND
Ground.
3RFP
Differential RF input for PA (TX_Mode) and output for LNA (RX_Mode) internally matched to 100
Ω.
4VCC
Voltage supply for VCC Bias. An external 0.1uF capacitor might be needed for low frequency decoupling.
5TX_EN
Enable voltage pin for the PA and switch. See logic table for operation.
6PDET
Provides and output voltage proprtional to the output RF level.
7GND
Ground.
8
VCC1/2
Voltage supply for the first and second stages of the PA. An external 1uF capacitor might be needed for low fre-
quency decoupling.
9C/I
This pin is connected internally (C/I) to Pin 8 therfore this pin should not be grounded. This pin should be left
open.
10
VCC3
Voltage supply for the third stage of the PA. An external 1uF capacitor might be needed for low frequency decou-
pling
11
NC
No connect.
12
GND
Ground.
13
ANT1
This is a common port (antenna). It is matched to 50
Ω and DC block is provided internally.
14
GND
Ground.
15
ANT2
This is a common port (antenna). It is matched to 50
Ω and DC block is provided internally.
16
ANT2_EN
Control pin for antenna select. See logic table for operation.
17
ANT1_EN
Control pin for antenna select. See logic table for operation.
18
VCCLNA
Voltage supply. An external 1uF capacitor might be needed for low frequency decoupling.
19
LNA_EN
LNA enable pin for selecting between High gain mode and Bypass mode.
20
RX_EN
Enable voltage pin for the Receive mode and switch. See logic table for operation.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com