Electronic Components Datasheet Search
  English  ▼

X  

RF6505 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF6505
Description  3.2V TO 4.2V, 2.4GHz FRONT END MODULE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6505 Datasheet(HTML) 6 Page - RF Micro Devices

  RF6505 Datasheet HTML 1Page - RF Micro Devices RF6505 Datasheet HTML 2Page - RF Micro Devices RF6505 Datasheet HTML 3Page - RF Micro Devices RF6505 Datasheet HTML 4Page - RF Micro Devices RF6505 Datasheet HTML 5Page - RF Micro Devices RF6505 Datasheet HTML 6Page - RF Micro Devices RF6505 Datasheet HTML 7Page - RF Micro Devices RF6505 Datasheet HTML 8Page - RF Micro Devices RF6505 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6 of 9
RF6505
DS140925
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Evaluation Board Schematic
*Note: Pin 9 is connected internally (C/I) to Pin 8 therefore this pin should not be grounded. This pin should be left open.
1
J1
RFN
GND
GND
1
J2
ANT1
GND
1
J3
ANT2
GND
GND
GND
GND
RX_EN
GND
C19
0.1uF
LNAEN
GND
C20
0.1uF
GND
C15
1.0uF
GND
C16
1.0uF
ANT1EN
ANT2EN
VCCLNA
PDET
GND
C4
0.1uF
L7
2.2nH
UNBAL
1
GND/DC
2
BAL
3
BAL
4
GND
5
NC
6
U2
GND
GND
C8
5.1pF
C7
1.0uF
C3
DNP
CTTX
GND
VCC3
GND
GND
C6
5.1pF
C5
1.0uF
GND
VCC1/2
GND
GND
GND
CTRX
CTTX
VCCLNA
1
2
3
4
5
6
P1
LNAEN
ANT1EN
ANT2EN
PDET
1
2
3
4
5
6
P2
GND
C1
330pF
VCC
VCC
L4
DNP
L1
DNP
L6
1.5nH
L3
1.5nH
C12
0.8pF
C11
2.4pF
C9
0.8pF
L5
3.3nH
C13
1.5pF
L2
3.3nH
C10
1.5pF
GND
GND
GND
GND
GND
GND
GND
GND
C14
2.4pF
N/C
11
GND
12
GND
14
ANT1
13
ANT2
15
GND
2
RFN
1
RFP
3
TX_EN
5
VCC
4
DF
21
U1
RFFM6005
GND
GND
C17
DNP
C2
DNP
GND
GND
C18
.01uF
VCC1/2
VCC3
L8
2nH



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com