Electronic Components Datasheet Search
  English  ▼

X  

RFCM3316 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFCM3316
Description  45-1218MHZ GAAS/G POWER DOUBLER MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFCM3316 Datasheet(HTML) 2 Page - RF Micro Devices

  RFCM3316 Datasheet HTML 1Page - RF Micro Devices RFCM3316 Datasheet HTML 2Page - RF Micro Devices RFCM3316 Datasheet HTML 3Page - RF Micro Devices RFCM3316 Datasheet HTML 4Page - RF Micro Devices RFCM3316 Datasheet HTML 5Page - RF Micro Devices RFCM3316 Datasheet HTML 6Page - RF Micro Devices RFCM3316 Datasheet HTML 7Page - RF Micro Devices RFCM3316 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS141006
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
2 of 8
RFCM3316
Absolute Maximum Ratings
Parameter
Rating
Unit
RF Input Voltage (single tone; on evaluation board)
75
dBmV
DC Supply Over-Voltage (5 minutes)
30
V
Storage Temperature
-40 to +100
°C
Operating Mounting Base Temperature
-30 to +110
°C
Moisture Sensitivity Level IPC/JEDEC J-STD-20
MSL 3 @260
°C
Caution! ESD sensitive device.
RoHS status based on EU Directive
2011/65/EU
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.
Nominal Operating Parameters
Parameter
Specification
Unit
Condition
Min
Typ
Max
General Performance
V+= 24V; TMB=30°C; ZS=ZL
=75Ω; IDC=IDC typical
Power Gain
21.0
21.5
22.0
dB
f=45MHz
22.5
23.0
24.0
dB
f=1218MHz
Slope
[1]
1.0
1.5
2.5
dB
f=45MHz to 1218MHz
Flatness of Frequency Response
1
dB
f=45MHz to 1218MHz (Peak to Valley)
Input Return Loss
20
dB
f=45MHz to 320MHz
19
dB
f=320MHz to 640MHz
18
dB
f=640MHz to 870MHz
16
dB
f=870MHz to 1000MHz
15
dB
f=1000MHz to 1218MHz
Output Return Loss
20
dB
f=45MHz to 320MHz
19
dB
f=320MHz to 640MHz
18
dB
f=640MHz to 870MHz
17
dB
f=870MHz to 1000MHz
16
dB
f=1000MHz to 1218MHz
Noise Figure
3.0
4.0
dB
f=50MHz to 1218MHz
Total Current Consumption (DC)
430
450
mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com