Electronic Components Datasheet Search
  English  ▼

X  

RFCM3316 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFCM3316
Description  45-1218MHZ GAAS/G POWER DOUBLER MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFCM3316 Datasheet(HTML) 3 Page - RF Micro Devices

  RFCM3316 Datasheet HTML 1Page - RF Micro Devices RFCM3316 Datasheet HTML 2Page - RF Micro Devices RFCM3316 Datasheet HTML 3Page - RF Micro Devices RFCM3316 Datasheet HTML 4Page - RF Micro Devices RFCM3316 Datasheet HTML 5Page - RF Micro Devices RFCM3316 Datasheet HTML 6Page - RF Micro Devices RFCM3316 Datasheet HTML 7Page - RF Micro Devices RFCM3316 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS141006
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
3 of 8
RFCM3316
Parameter
Specification
Unit
Condition
Min
Typ
Max
Distortion data 40MHz to 550MHz
V+= 24V; TMB=30°C; ZS=ZL
=75Ω; IDC=IDC typical
CTB
-73
-68
dBc
VO=61dBmV at 1000MHz, 18dB extrapolated tilt, 79 analog
channels plus 75 digital channels (-6dB offset)
[2][4]
XMOD
-65
-60
dBc
CSO
-76
-70
dBc
CIN
55
60
dB
Distortion data 40MHz to 550MHz
V+= 24V; TMB=30°C; ZS=ZL
=75Ω; IDC=IDC typical
CTB
-80
dBc
VO=60dBmV at 1218MHz, 22dB extrapolated tilt, 79 analog
channels plus 111 digital channels (-6dB offset)
[3][4]
XMOD
-78
dBc
CSO
-80
dBc
CIN
59
dB
1.
The slope is defined as the difference between the gain at the start frequency and the gain at the stop frequency.
2.
79 analog channels, NTSC frequency raster: 55.25MHz to 547.25MHz, +43dBmV to +52.4dBmV tilted output level, plus 75
digital channels, -6dB offset relative to the equivalent analog carrier.
3.
79 analog channels, NTSC frequency raster: 55.25MHz to 547.25MHz, +38dBmV to +47.4dBmV tilted output level, plus 111
digital channels, -6dB offset relative to the equivalent analog carrier.
4.
Composite Second Order (CSO) - The CSO parameter (both sum and difference products) is defined by the NCTA. Composite
Triple Beat (CTB) - The CTB parameter is defined by the NCTA. Cross Modulation (XMOD) - Cross modulation (XMOD) is
measured at baseband (selective voltmeter method), referenced to 100% modulation of the carrier being tested. Carrier to
Intermodulation Noise (CIN) - The CIN parameter is defined by ANSI/SCTE 17 (Test procedure for carrier to noise).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com