Electronic Components Datasheet Search
  English  ▼

X  

RFCM3316 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RFCM3316
Description  45-1218MHZ GAAS/G POWER DOUBLER MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFCM3316 Datasheet(HTML) 7 Page - RF Micro Devices

  RFCM3316 Datasheet HTML 1Page - RF Micro Devices RFCM3316 Datasheet HTML 2Page - RF Micro Devices RFCM3316 Datasheet HTML 3Page - RF Micro Devices RFCM3316 Datasheet HTML 4Page - RF Micro Devices RFCM3316 Datasheet HTML 5Page - RF Micro Devices RFCM3316 Datasheet HTML 6Page - RF Micro Devices RFCM3316 Datasheet HTML 7Page - RF Micro Devices RFCM3316 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS141006
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
7 of 8
RFCM3316
Evaluation Board Bill of Materials (BOM)
Component Type
Value
Qty
Designator
Comment
PCB
Evaluation-Board PI816A
1
Capacitor
220pF
1
C1
Capacitor
4.7nF
6
C2, C3, C6, C7, C8, C13
Capacitor
1.2pF
2
C4, C5
Capacitor
DNI
4
C9, C12
Optional to improve matching in application
Capacitor
0.5pF
2
C10, C11
Optional to improve matching in application
Resistor
5.1
kΩ
1
R1
Resistor
3
kΩ
1
R2
Resistor
1.5kΩ
1
R3
Resistor
10Ω
1
R4
Resistor
470Ω
2
R5, R6
Resistor
DNI
6
R7-R12
Optional to improve matching in application
Resistor
3.3
kΩ
1
R13
Impedance Bead
60Ω @ 100MHz
1
FB1
Transient Voltage
Suppressor Diode
TGL34-33A
1
D1
Zener Diode
MM3Z5V6T1G
1
D2
Transformer
RFXF0006
1
T1
Transformer
RFXF0008
1
T2
Transformer
RFXF0009
1
T3
DUT
RFCM3316
1
U1
Pin Out
1
2
3
4
9
8
7
6
5
RF IN +
GND
GND
RF IN -
RF OUT +
Rt
V+
GND
RF OUT -
GND



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com