Electronic Components Datasheet Search
  English  ▼

X  

RFCM3316 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFCM3316
Description  45-1218MHZ GAAS/G POWER DOUBLER MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFCM3316 Datasheet(HTML) 1 Page - RF Micro Devices

  RFCM3316 Datasheet HTML 1Page - RF Micro Devices RFCM3316 Datasheet HTML 2Page - RF Micro Devices RFCM3316 Datasheet HTML 3Page - RF Micro Devices RFCM3316 Datasheet HTML 4Page - RF Micro Devices RFCM3316 Datasheet HTML 5Page - RF Micro Devices RFCM3316 Datasheet HTML 6Page - RF Micro Devices RFCM3316 Datasheet HTML 7Page - RF Micro Devices RFCM3316 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS141006
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 8
RFCM3316
45-1218MHZ GAAS/GAN
POWER DOUBLER MODULE
The RFCM3316 is a Power Doubler amplifier SMD Module. The
part employs GaAs pHEMT die and GaN HEMT die, has high
output capability, and is operated from 45MHz to 1218MHz. It
provides excellent linearity and superior return loss performance
with low noise and optimal reliability.
DC current of the device can be externally adjusted for optimum
distortion performance versus power consumption over a wide
range of output level.
RFCM3316
INPUT
OUTPUT
Current
Setting
V+
Temperature
Sensing
Functional Block Diagram
Ordering Information
RFCM3316SB
Sample bag with 5 pieces
RFCM3316SQ
Sample bag with 25 pieces
RFCM3316SR
7” Reel with 100 pieces
RFCM3316TR7
7” Reel with 500 pieces
RFCM3316TR13
13” Reel with 1000 pieces
RFCM3316PCBA-410
Fully Assembled Evaluation Board
Package: 9 pin,
9.0 mm x 8.0 mm x 1.375mm
Features
Excellent Linearity
Superior Return Loss Performance
Extremely Low Distortion
Optimal Reliability
Low Noise
Unconditionally Stable Under all
Terminations
Extremely High Output Capability
22.5dB Min. Gain at 1218MHz
450mA Max. at 24VDC
Temperature Sensing Feature
Applications
45MHz to 1218MHz CATV
Amplifier Systems


Similar Part No. - RFCM3316

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFCM3326 RFMD-RFCM3326 Datasheet
270Kb / 8P
45-1218MHZ GAAS/GAN POWER DOUBLER MODULE
RFCM3326PCBA-410 RFMD-RFCM3326PCBA-410 Datasheet
270Kb / 8P
45-1218MHZ GAAS/GAN POWER DOUBLER MODULE
RFCM3326SB RFMD-RFCM3326SB Datasheet
270Kb / 8P
45-1218MHZ GAAS/GAN POWER DOUBLER MODULE
RFCM3326SQ RFMD-RFCM3326SQ Datasheet
270Kb / 8P
45-1218MHZ GAAS/GAN POWER DOUBLER MODULE
RFCM3326SR RFMD-RFCM3326SR Datasheet
270Kb / 8P
45-1218MHZ GAAS/GAN POWER DOUBLER MODULE
More results

Similar Description - RFCM3316

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFCM3326 RFMD-RFCM3326 Datasheet
270Kb / 8P
45-1218MHZ GAAS/GAN POWER DOUBLER MODULE
RFCM4363 RFMD-RFCM4363 Datasheet
509Kb / 8P
45-1218MHZ GAAS/GAN PUSH PULL MODULE
RFPD3190 RFMD-RFPD3190 Datasheet
242Kb / 3P
GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
RFPD3220 RFMD-RFPD3220 Datasheet
232Kb / 3P
GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
logo
TriQuint Semiconductor
QPA3240 TRIQUINT-QPA3240 Datasheet
481Kb / 7P
GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
logo
Qorvo, Inc
QPA3333 QORVO-QPA3333 Datasheet
338Kb / 9P
45-1218 MHz GaAs/GaN Power Doubler Module
QPA3240 QORVO-QPA3240 Datasheet
481Kb / 7P
GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
QPA3230 QORVO-QPA3230 Datasheet
481Kb / 7P
GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
RFPD3540 QORVO-RFPD3540 Datasheet
299Kb / 5P
GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
QPA3333 QORVO-QPA3333_V01 Datasheet
381Kb / 9P
45-1218 MHz GaAs/GaN Power Doubler Module
October 2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com