Electronic Components Datasheet Search
  English  ▼

X  

RFDA2026 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RFDA2026
Description  DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 1400MHz to 2700MHz, 6-BIT 0.5dB LSB CONTROL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA2026 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RFDA2026 Datasheet HTML 6Page - RF Micro Devices RFDA2026 Datasheet HTML 7Page - RF Micro Devices RFDA2026 Datasheet HTML 8Page - RF Micro Devices RFDA2026 Datasheet HTML 9Page - RF Micro Devices RFDA2026 Datasheet HTML 10Page - RF Micro Devices RFDA2026 Datasheet HTML 11Page - RF Micro Devices RFDA2026 Datasheet HTML 12Page - RF Micro Devices RFDA2026 Datasheet HTML 13Page - RF Micro Devices RFDA2026 Datasheet HTML 14Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10 of 16
RFDA2026
DS141020
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
SPI Timing Diagram Specifications
Parameter
Limit
Unit
Comment
t1
25
MHz max
CLK Frequency
t2
20
ns min
CLK High
t3
20
ns min
CLK Low
t4
5
ns min
DATA to CLK Setup Time
t5
5
ns min
DATA to CLK Hold Time
t6
30
ns min
DATA Valid
t7
5
ns min
LE to CLK Setup Time
t8
5
ns min
CLK to LE Setup Time
t9
10
ns min
LE Pulse Width
t10
20
ns max
Output Set
Logic Voltage Levels
Power-up Programming Truth Table
State
Logic
PUP
Attenuator Setting
Low
0V to 0.8V
Low
Attenuation at Min, 0dB
High
2.0V to 5.0V
High
Attenuation at Max, 31.5dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com