Electronic Components Datasheet Search
  English  ▼

X  

RFDA2026 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFDA2026
Description  DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 1400MHz to 2700MHz, 6-BIT 0.5dB LSB CONTROL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA2026 Datasheet(HTML) 3 Page - RF Micro Devices

  RFDA2026 Datasheet HTML 1Page - RF Micro Devices RFDA2026 Datasheet HTML 2Page - RF Micro Devices RFDA2026 Datasheet HTML 3Page - RF Micro Devices RFDA2026 Datasheet HTML 4Page - RF Micro Devices RFDA2026 Datasheet HTML 5Page - RF Micro Devices RFDA2026 Datasheet HTML 6Page - RF Micro Devices RFDA2026 Datasheet HTML 7Page - RF Micro Devices RFDA2026 Datasheet HTML 8Page - RF Micro Devices RFDA2026 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3 of 16
RFDA2026
DS141020
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Parameter
Unit
1500MHz 1800MHz 2000MHz 2200MHz 2400MHz 2600MHz
Max Small Signal Gain
dB
32.9
32.5
32.3
31.7
30.8
29.3
Output P1dB
dBm
25.5
25.8
26.2
26.2
25.8
25.6
Output IP31
dBm
43.5
43.0
42.5
42.0
42.0
43.0
Input Return Loss
dB
-16
-15
-15
-19
-23
-19
Output Return Loss
dB
-10.5
-10.8
-11.8
-14
-14.5
-19
Noise Figure
dB
4.0
4.0
4.1
4.0
4.1
4.2
Note
1. OIP3 is tested at POUT=+5 dBm/Tone and 1 MHz spacing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com