Electronic Components Datasheet Search
  English  ▼

X  

RFDA2026 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RFDA2026
Description  DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 1400MHz to 2700MHz, 6-BIT 0.5dB LSB CONTROL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA2026 Datasheet(HTML) 4 Page - RF Micro Devices

  RFDA2026 Datasheet HTML 1Page - RF Micro Devices RFDA2026 Datasheet HTML 2Page - RF Micro Devices RFDA2026 Datasheet HTML 3Page - RF Micro Devices RFDA2026 Datasheet HTML 4Page - RF Micro Devices RFDA2026 Datasheet HTML 5Page - RF Micro Devices RFDA2026 Datasheet HTML 6Page - RF Micro Devices RFDA2026 Datasheet HTML 7Page - RF Micro Devices RFDA2026 Datasheet HTML 8Page - RF Micro Devices RFDA2026 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4 of 16
RFDA2026
DS141020
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
1400MHz to 2400MHz Application Circuit Data
-5
0
5
10
15
20
25
30
35
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
Frequency (GHz)
Gain versus Frequency and Attenuation State
0dB
0.5dB
1dB
2dB
4dB
8dB
16dB
31.5dB
27
28
29
30
31
32
33
34
35
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
Frequency (GHz)
Gain versus Frequency and Temperature at 0dB
Attenuation State
25°C
85°C
-40°C
-35
-30
-25
-20
-15
-10
-5
0
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
Frequency (GHz)
Normalized Attenuation versus
Attenuation State
0dB
0.5dB
1dB
2dB
4dB
8dB
16dB
31.5dB
-1.4
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
Frequency (GHz)
Bit Error versus Frequency and
Attenuation State
0dB
0.5dB
1dB
2dB
4dB
8dB
16dB
31.5dB
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
Frequency (GHz)
Input Return Loss versus Frequency and
Attenuation State
0dB
0.5dB
1dB
2dB
4dB
8dB
16dB
31.5dB
-16
-15
-14
-13
-12
-11
-10
-9
-8
1.4
1.5
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
2.4
Frequency (GHz)
Output Return Loss versus Frequency and
Attenuation State
0dB
0.5dB
1dB
2dB
4dB
8dB
16dB
31.5dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com