Electronic Components Datasheet Search
  English  ▼

X  

RFDA2026 Datasheet(PDF) 15 Page - RF Micro Devices

Part # RFDA2026
Description  DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 1400MHz to 2700MHz, 6-BIT 0.5dB LSB CONTROL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA2026 Datasheet(HTML) 15 Page - RF Micro Devices

Back Button RFDA2026 Datasheet HTML 8Page - RF Micro Devices RFDA2026 Datasheet HTML 9Page - RF Micro Devices RFDA2026 Datasheet HTML 10Page - RF Micro Devices RFDA2026 Datasheet HTML 11Page - RF Micro Devices RFDA2026 Datasheet HTML 12Page - RF Micro Devices RFDA2026 Datasheet HTML 13Page - RF Micro Devices RFDA2026 Datasheet HTML 14Page - RF Micro Devices RFDA2026 Datasheet HTML 15Page - RF Micro Devices RFDA2026 Datasheet HTML 16Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
15 of 16
RFDA2026
DS141020
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Evaluation Board Schematic
2400MHz to 2700MHz Application Circuit
Evaluation Board Bill of Materials (BOM)
2400MHz to 2700MHz Application Circuit
Description
Reference
Designator
Manufacturer
Manufacturer’s P/N
RFDA2026-411(B)
Viasystems
RFDA2026-411(B)
CAP, 1uF, 10%, 10V, X5R, 0402
C1, C6, C11
Murata Electronics
GRM155R61A105KE15D
DNP
C2-C5, C9-C10,
C12
CAP, 68pF, 5%, 50V, C0G, 0402
C7-C8
Murata Electronics
GRM1555C1H680JZ01D
CONN, SMA, END LNCH, FLT, 0.062"
J1-J2
Emerson Network Power
142-0701-821
CONN, HDR, ST, PLRZD, 6-PIN, 0.100"
P1
AMP
640454-6
CONN, SKT, 24-PIN DIP, .600", T/H
P2
Aries Electronics Inc.
24-6518-10
Res, 0.0, 1/16W, 5%, 0603
R1, R3, R5
Panasonic Industrial Co.
ERJ-3GSY0R00V
RES, 1K, 5%, 1/16W, 0603
R2
Panasonic Industrial Co.
ERJ-3GEYJ102
DNP
R4, R6
IND, 4.7nH, +/-0.3nH, 0603
L1
Toko SH Waigaoqiao F.T.Z. Inc.
LL1608-FSL4N7S
RES ARRAY, 4-ELEM, 1K, 5%, SMD 4x0402
RN1
KOA Speer Electronics, Inc.
CN1E4KTTD102J
DUT
U1
RFMD
RFDA2026-411
C9
DNP
C10
DNP
C11
1uF
1
2
3
4
5
8
6
7
RN1
1000 ohm
R2
1K
1
J2
RFOUT
C8
68pF
C7
68pF
1
J1
RFIN
R1
0 ohm
1
2
3
4
5
6
P1
HDR_1X6
C1
1uF
C2
DNP
+
C3
DNP
+
C4
DNP
C5
DNP
C6
1uF
PUP
CLK
DATA
LE
VCC
VCC
VCC
VCC
LE
DATA
CLK
VCC
SPI_LE
1
SPI_DATA
2
SPI_CLK
3
PUP
4
GND
5
RFIN
6
GND
7
GND
15
RFOUT
16
GND
17
GND
18
GND
19
GND
20
GND
21
U1
RFDA2026
PUP
R3
0 ohm
R5
0 ohm
R4
DNP
C12
DNP
L1
4.7nH
CB2
12
TXD
1
DTR#
2
RTS#
3
VIO
4
RXD
5
RI#
6
GND
7
DSR#
8
DCD#
9
CTS#
10
CB4
11
GND
24
SLD
13
USB
14
VCC
15
PU2
16
PU1
17
CB3
18
3V3
19
RST
20
VCC
21
CB1
22
CB0
23
CB2
TXD
DTR#
RTS#
VIO
RXD
RI#
GND
DSR#
DCD#
CTS#
CB4
GND
SLD
USB
VCC
PU2
PU1
CB3
3V3
RST
VCC
CB1
CB0
P2
UM232R
PUP
CLK
DATA
LE
R6
DNP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com