Electronic Components Datasheet Search
  English  ▼

X  

RFFM8205 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFFM8205
Description  2.4GHz to 2.5GHz 802.11b/g/n/ac WiFi Front End Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM8205 Datasheet(HTML) 2 Page - RF Micro Devices

  RFFM8205 Datasheet HTML 1Page - RF Micro Devices RFFM8205 Datasheet HTML 2Page - RF Micro Devices RFFM8205 Datasheet HTML 3Page - RF Micro Devices RFFM8205 Datasheet HTML 4Page - RF Micro Devices RFFM8205 Datasheet HTML 5Page - RF Micro Devices RFFM8205 Datasheet HTML 6Page - RF Micro Devices RFFM8205 Datasheet HTML 7Page - RF Micro Devices RFFM8205 Datasheet HTML 8Page - RF Micro Devices RFFM8205 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS130930
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
2 of 9
Absolute Maximum Ratings
Parameter
Rating
Unit
DC Supply Voltage (No RF Applied)
6
V
PA Enable Voltage
-0.5 to 5
VDC
DC Supply Current
500
mA
Operating Case Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Maximum TX Input Power into 50
Ω Load for 11b/g/n/ac (No Damage)
+12
dBm
Maximum RX Input Power (No Damage)
+12
dBm
Moisture Sensitivity
MSL2
Caution! ESD sensitive device.
RFMD Green: RoHS status based on EU
Directive 2011/65/EU (at time of this
document revision), halogen free per IEC
61249-2-21, < 1000ppm each of
antimony trioxide in polymeric materials
and red phosphorus as a flame retardant,
and <2% antimony in solder.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.
Nominal Operating Parameters
Parameter
Specification
Unit
Condition
Min
Typ
Max
Compliance
802.11b, 802.11g, 802.11n, 802.11ac
Operating Frequency
2.412
2.484
GHz
Operating Temperature
-10
70
ºC
Extended Operating Temperature
-40
85
ºC
Functional with reduced performance
Power Supply VCC
3.2
3.6
4.6
V
Extended VCC
3
4.8
Functional with reduced performance
Control Voltage - High
2.8
VCC
V
PA_EN, CRX, CBT, LNA_EN
Control Voltage - Low
0
0.2
V
Transmit (TX-ANT)
T= -10ºC to +70ºC, VCC = 3.0V to 4.2V, 50% duty cycle
unless otherwise noted
HT40 Output Power
17.5
18.0
dBm
T = 25ºC, VCC = 3.6V
Dynamic EVM - HT40
1.5
1.8
%
-36.5
-35.0
dB
HT40 Output Power
15.5
16.0
dBm
T = -10ºC to 70ºC, VCC = 3.0V to 4.2V
Dynamic EVM - HT40
1.5
1.8
%
-36.5
-35.0
dB
HT20 Output Power
20.0
dBm
T=25ºC, VCC = 3.6V
Dynamic EVM - HT20
2.5
3.0
%
-32.0
-30.0
dB
HT20 Output Power
17.5
dBm
T = -10ºC to 70ºC, VCC = 3.0V to 4.2V
Dynamic EVM - HT20
2.5
3.0
%
-32.0
-30.5
dB
HT20 Output Power
18.0
dBm
T=25ºC, VCC = 3.6V
Dynamic EVM - HT20
1.5
1.8
%
-36.5
-35.0
dB
HT20 Output Power
15.5
16.0
dBm
T = -10ºC to 70ºC, VCC = 3.0V to 4.2V
Dynamic EVM - HT20
1.5
1.8
%
-36.5
-35.0
dB



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com