Electronic Components Datasheet Search
  English  ▼

X  

RFFM8205 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RFFM8205
Description  2.4GHz to 2.5GHz 802.11b/g/n/ac WiFi Front End Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM8205 Datasheet(HTML) 5 Page - RF Micro Devices

  RFFM8205 Datasheet HTML 1Page - RF Micro Devices RFFM8205 Datasheet HTML 2Page - RF Micro Devices RFFM8205 Datasheet HTML 3Page - RF Micro Devices RFFM8205 Datasheet HTML 4Page - RF Micro Devices RFFM8205 Datasheet HTML 5Page - RF Micro Devices RFFM8205 Datasheet HTML 6Page - RF Micro Devices RFFM8205 Datasheet HTML 7Page - RF Micro Devices RFFM8205 Datasheet HTML 8Page - RF Micro Devices RFFM8205 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS130930
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
5 of 9
RFFM8205
Switch Control Logic Truth Table
Operating Mode
PA_EN
LNA_EN
C_RX
C_BT
Standby
Low
Low
Low
Low
802.11b/g/n/ac TX High Power
High
Low
Low
Low
802.11b/g/n/ac RX Gain
Low
High
High
Low
802.11b/g/n/ac RX Bypass
Low
Low
High
Low
BT RX/TX
Low
Low
Low
High
Notes:
•
PA_EN and TX switch control are tied together internally.
•
High = 2.8 to VCC. Low = 0V to 0.2V.
Timing Diagram
Level is set Per the data sheet
BT is Low during TX and RX
VCC
PA_EN
C_RX
C_BT
0.2uSec
Time
TX RF Signal
Transmit Timing Diagram
Power ON / OFF Sequence
RX is Low during TX
0.2uSec
0.2uSec
0.2uSec
BT must be “LOW”
during TX and RX
modes. Apply a max
of 0.4 to pin-13.
Apply Vcc to pins
3,4, and 10
Both controls must be
OFF during transmit.
The order is not
critical. Apply a max of
0.4v to pins 9, and 14
For Transmit:
apply 3.1v to
pin-6
Note1: RF Signal for each specific mode is applied after the DC bias is applied
Note2: Total ON/OFF time includes from 10% of control switching to 90% of RF power
Note3: Listed values on diagram are typical. The maximum is 0.5us for each mode
LNA_EN
RX is Low during TX
RF signal ON time is
0.5uS max. Set RF
input to required level.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com