Electronic Components Datasheet Search
  English  ▼

X  

RFFM8205 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFFM8205
Description  2.4GHz to 2.5GHz 802.11b/g/n/ac WiFi Front End Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM8205 Datasheet(HTML) 1 Page - RF Micro Devices

  RFFM8205 Datasheet HTML 1Page - RF Micro Devices RFFM8205 Datasheet HTML 2Page - RF Micro Devices RFFM8205 Datasheet HTML 3Page - RF Micro Devices RFFM8205 Datasheet HTML 4Page - RF Micro Devices RFFM8205 Datasheet HTML 5Page - RF Micro Devices RFFM8205 Datasheet HTML 6Page - RF Micro Devices RFFM8205 Datasheet HTML 7Page - RF Micro Devices RFFM8205 Datasheet HTML 8Page - RF Micro Devices RFFM8205 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS130930
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 9
RFFM8205
2.4GHz to 2.5GHz 802.11b/g/n/ac WiFi
Front End Module
The RFFM8205 provides a complete integrated solution in a single front
end module (FEM) for WiFi 802.11b/g/n/ac and Bluetooth® systems.
The ultra-small form factor and integrated matching greatly reduces the
number of external components and layout area in the customer
application. This simplifies the total front end solution by reducing the bill
of materials, system footprint, and manufacturing cost. The RFFM8205
integrates a 2.5GHz power amplifier (PA), a low noise amplifier (LNA)
with bypass mode, a power detector coupler for improved accuracy, an
SP3T switch, and some filtering for harmonic rejection. The device is
provided in a 2.5mm x 2.5mm x 0.40mm 16-pin QFN package. This
module meets or exceeds the RF front end needs of IEEE
802.11b/g/n/ac WiFi RF systems.
TX
PA_EN
GND
VCC
C_RX
ANT
BT
GND
GND
RX
3
1
LNA_EN
VCC
GND
12
C_BT
2
13
11
10
9
8
7
6
5
4
14
15
16
VCC
PDET
Functional Block Diagram
Ordering Information
RFFM8205SB
Standard 5-pieces sample bag
RFFM8205SQ
Standard 25-piece sample bag
RFFM8205SR
Standard 200-piece sample bag
RFFM8205TR7
Standard 2500-piece sample bag
RFFM8205PCK-410
Fully assembled evaluation board w/ 5-piece bag
Package: QFN, 16-pin,
2.5mm x 2.5mm x 0.40mm
Features
■ P
OUT = +20dBm 802.11n 64QAM
MCS7 20MHz BW at 3.0%
(-30.0dB) Dynamic EVM
Compliance
■ P
OUT = +18.0dBm 802.11ac
256QAM MCS9 40MHz BW at
1.8% (-35.0dB) Dynamic EVM
Compliance
■ P
OUT = +22dBm 802.11b at
Spectral Mask Compliance
■ Input and Output Matched to 50Ω
High Level of Integration
■ Supports Wide Voltage Supply
Range
■ Able to Meet Demands of Evolving
WiFi Market
Applications
■ Cellular Handsets
■ Mobile Devices
■ Tablets
■ Consumer Electronics
■ Gaming
■ Netbooks/Notebooks
■ TV/Monitors/Video
RFFM8205


Similar Part No. - RFFM8205

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM8205 QORVO-RFFM8205 Datasheet
410Kb / 9P
2.4GHz to 2.5GHz 802.11b/g/n/ac WiFi Front End Module
RFFM8205PCK-410 QORVO-RFFM8205PCK-410 Datasheet
410Kb / 9P
2.4GHz to 2.5GHz 802.11b/g/n/ac WiFi Front End Module
RFFM8205SB QORVO-RFFM8205SB Datasheet
410Kb / 9P
2.4GHz to 2.5GHz 802.11b/g/n/ac WiFi Front End Module
RFFM8205SQ QORVO-RFFM8205SQ Datasheet
410Kb / 9P
2.4GHz to 2.5GHz 802.11b/g/n/ac WiFi Front End Module
RFFM8205SR QORVO-RFFM8205SR Datasheet
410Kb / 9P
2.4GHz to 2.5GHz 802.11b/g/n/ac WiFi Front End Module
More results

Similar Description - RFFM8205

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5345 RFMD-RF5345 Datasheet
597Kb / 20P
2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RF5365 RFMD-RF5365 Datasheet
566Kb / 11P
2.4GHz to 2.5GHz, 802.11b/g/n WiFi Front End Module
RF5375 RFMD-RF5375 Datasheet
1Mb / 12P
2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RF5385 RFMD-RF5385 Datasheet
815Kb / 11P
2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RF5755 RFMD-RF5755 Datasheet
1Mb / 15P
2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RFFM4204 RFMD-RFFM4204 Datasheet
254Kb / 9P
WiFi 802.11b/g/n/ac Front End Module 2.4GHz to 2.5GHz
RFFM8202 RFMD-RFFM8202 Datasheet
241Kb / 8P
2.4GHz to 2.5GHz 802.11b/g/n WiFi Front End Module
RFFM8204 RFMD-RFFM8204 Datasheet
555Kb / 8P
2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
logo
Qorvo, Inc
RFFM8205 QORVO-RFFM8205 Datasheet
410Kb / 9P
2.4GHz to 2.5GHz 802.11b/g/n/ac WiFi Front End Module
RF5365 QORVO-RF5365 Datasheet
566Kb / 11P
2.4GHz to 2.5GHz, 802.11b/g/n WiFi Front End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com