Electronic Components Datasheet Search
  English  ▼

X  

RFFM8205 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RFFM8205
Description  2.4GHz to 2.5GHz 802.11b/g/n/ac WiFi Front End Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM8205 Datasheet(HTML) 4 Page - RF Micro Devices

  RFFM8205 Datasheet HTML 1Page - RF Micro Devices RFFM8205 Datasheet HTML 2Page - RF Micro Devices RFFM8205 Datasheet HTML 3Page - RF Micro Devices RFFM8205 Datasheet HTML 4Page - RF Micro Devices RFFM8205 Datasheet HTML 5Page - RF Micro Devices RFFM8205 Datasheet HTML 6Page - RF Micro Devices RFFM8205 Datasheet HTML 7Page - RF Micro Devices RFFM8205 Datasheet HTML 8Page - RF Micro Devices RFFM8205 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS130930
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
4 of 9
RFFM8205
Parameter
Specification
Unit
Condition
Min
Typ
Max
Bluetooth TX/RX
T= -10ºC to +70ºC, VCC = 3.0V to 4.2V
unless otherwise noted
Nominal Input P1dB
23
25
dBm
T = 25ºC, VCC = 3.6V
Insertion Loss
0.3
0.8
1.1
dB
BT Port Return Loss
10
18
30
dB
ANT Port Return Loss
10
18
30
dB
General Specifications
Leakage Current
0.5
10
µA
VCC = 4.8V, RF OFF, All control lines floating
Control Line Impedance - PA_EN
187
K
Ω
Control Line Impedance - LNA_EN
228
K
Ω
Control Line Impedance - C_RX
27
M
Ω
Control Line Impedance - C_BT
27
M
Ω
Switch Control Current-High - Each Line
5
60
µA
Switch Control Current-Low - Each Line
0.5
10
µA
Switching Speed
100
500
ns
ESD - Human Body Model
1000
V
ESD - Charge Device Model
1000
V
PA +TX Switch Turn-on Time
200
500
ns
10% to 90%
PA Stability
No spurious above -41.25dBm/MHz
Maximum Input Power
12
dBm
Into 50
Ω, V
CC = 3.3V, 25°C
12
dBm
6:1 VSWR, VCC = 3.3V, 25°C
5
dBm
10:1 VSWR, VCC = 3.3V, 25°C
Ruggedness
10:1
VSWR
At typical operating conditions
Transmit (TX-ANT) – 5V
HT20 Output Power
20
dBm
T = 25°C; VCC = 5V
Dynamic EVM - HT20
1.5
1.8
%
-36.5
-35.0
dB
HT20 Output Power
21
dBm
T = 25°C; VCC = 5V
Dynamic EVM - HT20
2.5
3
%
-32.0
-30
dB
HT40 Output Power
19.5
dBm
T = 25°C; VCC = 5V
Dynamic EVM - HT40
1.5
1.8
%
-36.5
-35.0
dB
HT20, HT40 Operating Current
200
250
290
mA
POUT =20dBm ; T = 25°C; VCC = 5V
HT20 Operating Current
210
250
320
mA
POUT = 21dBm ; T = 25°C; VCC = 5V
Quiescent Current
170
190
250
mA
T = 25°C VCC = 5V
Gain (S21)
24
26
30
dB
Receive (ANT-RX) – LNA On-5V
Gain (S21)
9
10.5
12
dB
T = 25°C VCC = 5V
Noise Figure
2
2.5
3
dB
Rx Port Return Loss
10
12
25
dB
ANT Port Return Loss
3
4
10
dB



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com