Electronic Components Datasheet Search
  English  ▼

X  

RFFM8500 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFFM8500
Description  4.9GHz TO 5.85GHz 802.11a/n/ac FRONT END MODULE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM8500 Datasheet(HTML) 2 Page - RF Micro Devices

  RFFM8500 Datasheet HTML 1Page - RF Micro Devices RFFM8500 Datasheet HTML 2Page - RF Micro Devices RFFM8500 Datasheet HTML 3Page - RF Micro Devices RFFM8500 Datasheet HTML 4Page - RF Micro Devices RFFM8500 Datasheet HTML 5Page - RF Micro Devices RFFM8500 Datasheet HTML 6Page - RF Micro Devices RFFM8500 Datasheet HTML 7Page - RF Micro Devices RFFM8500 Datasheet HTML 8Page - RF Micro Devices RFFM8500 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2 of 12
RFFM8500
DS120904
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
DC Supply Voltage
6.0
V
DC
Maximum TX and RX Input Power
(No Damage)
+10
dBm
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Moisture Sensitivity
MSL3
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Transmit Parameters
Nominal Operating Conditions: VCC = 3.3V to 4.2V; SW Con-
trol High: VCC -0.2V; PA_EN = VCC-0.2V; POUT = 16dBm;
Freq=5.18GHz to 5.825GHz; Modulation MCS7 HT20; Temp
= -10°C to +70°C; Unless Otherwise Noted
Frequency
5.15
5.85
GHz
Power Supply VCC
33.3
4.8
V
Switch Control Voltage-high
2.8
3.1
4.6
V
Switch Control Voltage-Low
0
0.2
V
PA_EN
ON
2.8
3.1
4.6
V
PA_EN tracks with VCC. Do not use PA_EN hgher than VCC.
OFF
0
0.2
V
Gain
24
26
dB
VCC = 3.3V; Temp = 25ºC; Freq = 5.18GHz to 5.35GHz
26
28
dB
VCC = 3.3V; Temp = 25ºC; Freq = 5.35GHz to 5.825GHz
23
27
dB
Dynamic EVM
2
2.5
%
VCC = 3.3V; Temp = 25ºC
22.5
%
POUT = 15.5dBm
1.8
%
11ac HT80 MCS9; VCC = 3.3V; Temp = 25ºC; POUT = 16dBm
(see note)
Quiescent Current
185
mA
RF off; VCC = 3.3V; Temp = 25ºC
185
210
mA
RF off
Operating Current
230
245
mA
VCC = 3.3V; Temp = 25ºC
230
260
mA
PAEN Current
35
50
A
FEM Leakage Current
2
10
ARF off; PAEN = OFF ; VCC = "ON"
Second Harmonic
-45
-35
dBm
Fo = 4.9GHz to 5.3GHz: POUT = 18dBm; RBW = 1MHz
-43
dBm
Fo = 5.3GHz and 5.85GHz: POUT = 18dBm; RBW = 1MHz
Third Harmonic
-50
-43
dBm
Fo = 5.15GHz to 5.85GHz: POUT = 18dBm; RBW = 1MHz
Power Detector
POUT at 0dBm
350
375
400
mV
POUT at 16dBm
500
600
700
mV
TX Port Return Loss
9.6
15
dB
at TX input
ANT Port Return Loss
10
15
dB
in TX mode
PA Switching Time- VREF (on<->off)
200
600
ns
PA Stability
Unconditional into 4:1 VSWR, No spurious above -
41.25dBm/MHz
Note: See RFFM8500 Application Note for 11ac applications schematic.
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RFMD Green: RoHS compliant per EU Directive 2002/95/EC, halogen free
per IEC 61249-2-21, < 1000ppm each of antimony trioxide in polymeric
materials and red phosphorus as a flame retardant, and <2% antimony in
solder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com