Electronic Components Datasheet Search
  English  ▼

X  

RFFM8500 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFFM8500
Description  4.9GHz TO 5.85GHz 802.11a/n/ac FRONT END MODULE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM8500 Datasheet(HTML) 3 Page - RF Micro Devices

  RFFM8500 Datasheet HTML 1Page - RF Micro Devices RFFM8500 Datasheet HTML 2Page - RF Micro Devices RFFM8500 Datasheet HTML 3Page - RF Micro Devices RFFM8500 Datasheet HTML 4Page - RF Micro Devices RFFM8500 Datasheet HTML 5Page - RF Micro Devices RFFM8500 Datasheet HTML 6Page - RF Micro Devices RFFM8500 Datasheet HTML 7Page - RF Micro Devices RFFM8500 Datasheet HTML 8Page - RF Micro Devices RFFM8500 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3 of 12
RFFM8500
DS120904
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Logic Control Table
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Receive Parameters
Operating Conditions: VDD = 3.3V to 4.2V;
SW Control High: VDD -0.2V; LNA_EN = 2.8V to 4.2V;
Freq=5.18GHz to 5.825GHz; Temp = -10°C to +70°C;
Unless Otherwise Noted
Frequency
5.15
5.85
GHz
LNA Voltage Supply ( VDD)3
3.3
4.8
V
LNA_EN Voltage
2.8
3.1
4.6
V
Gain
13
15
16
dB
Temp=25°C; VDD=3.3v
11
15
17
dB
NF
2.5
2.8
dB
Temp=25°C; VDD = 3.3V
2.5
3.7
dB
Rx Port Return Loss
8
15
dB
ANT Port Return Loss
6
8
dBm
Input IP3
-3
dBm
Input P1dB
-13
dBm
IDD
13
17
mA
LNAEn Control Current
30
100
A
LNA Turn On Time
200
600
ns
Isolation
TX-RX
32
dB
Measured from ANT to RX while in Tx mode
Switch Control Current - Each Line
0.5
1
A
Switching Speed
100
ns
ESD
Human Body Model (HBM)
500
V
EIA/JESD22-114A RF pins
1000
V
EIA/JESD22-114A DC pins
Charge Device Model
1000
V
JESD22-C101C
Mode
PA_EN
LNA_EN
C_RX
Standby
Low
Low
Low
802.11a/n TX
High
Low
Low
802.11a/n RX Gain
Low
High
High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com