Electronic Components Datasheet Search
  English  ▼

X  

RFFM8500 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RFFM8500
Description  4.9GHz TO 5.85GHz 802.11a/n/ac FRONT END MODULE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM8500 Datasheet(HTML) 4 Page - RF Micro Devices

  RFFM8500 Datasheet HTML 1Page - RF Micro Devices RFFM8500 Datasheet HTML 2Page - RF Micro Devices RFFM8500 Datasheet HTML 3Page - RF Micro Devices RFFM8500 Datasheet HTML 4Page - RF Micro Devices RFFM8500 Datasheet HTML 5Page - RF Micro Devices RFFM8500 Datasheet HTML 6Page - RF Micro Devices RFFM8500 Datasheet HTML 7Page - RF Micro Devices RFFM8500 Datasheet HTML 8Page - RF Micro Devices RFFM8500 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4 of 12
RFFM8500
DS120904
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Pin
Function
Description
1GND
Ground connection.
2RX
RF output port for the 802.11a/n LNA. Input is matched to 50
 and DC block is provided.
3GND
Ground connection.
4VDD
Supply voltage for the LNA. See applications schematic for biasing and bypassing components.
5PDET
Power detector voltage for TX section. PDET voltage varies with output power. May need external capacitor
for noise decoupling.
6PA_EN
Control voltage for the PA and TX switch. See truth table for proper settings.
7NC
Not connected.
8TX
RF input port for the 802.11a/n PA. Input is matched to 50
 and DC block is provided.
9NC
Not connected.
10
VCC
Supply voltage for the PA. See applications schematic for biasing and bypassing components.
11
VCC
Supply voltage for the PA. See applications schematic for biasing and bypassing components.
12
GND
Ground connection.
13
ANT
RF bidirectional antenna port matched to 50
and is DC blocked internally.
14
GND
Ground connection.
15
C_RX
Receive switch control pin. See switch truth table for proper level.
16
LNA_EN
Control voltage for the LNA.
Pkg Base
GND
Ground connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com