Electronic Components Datasheet Search
  English  ▼

X  

RFFM8500 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFFM8500
Description  4.9GHz TO 5.85GHz 802.11a/n/ac FRONT END MODULE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM8500 Datasheet(HTML) 1 Page - RF Micro Devices

  RFFM8500 Datasheet HTML 1Page - RF Micro Devices RFFM8500 Datasheet HTML 2Page - RF Micro Devices RFFM8500 Datasheet HTML 3Page - RF Micro Devices RFFM8500 Datasheet HTML 4Page - RF Micro Devices RFFM8500 Datasheet HTML 5Page - RF Micro Devices RFFM8500 Datasheet HTML 6Page - RF Micro Devices RFFM8500 Datasheet HTML 7Page - RF Micro Devices RFFM8500 Datasheet HTML 8Page - RF Micro Devices RFFM8500 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1 of 12
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
RF MEMS
RX
GND
N/C
VCC
VDD
3
1
12
2
13
11
10
9
8
7
6
5
4
14
15
16
GND
GND
VCC
RFFM8500
4.9GHz TO 5.85GHz 802.11a/n/ac FRONT
END MODULE
The RFFM8500 provides a complete integrated solution in a single Front
End Module (FEM) for WiFi 802.11a/n systems. The ultra small form fac-
tor and integrated matching minimizes the layout area in the customer's
application and greatly reduces the number of external components. This
simplifies the total front end solution by reducing the bill of materials, sys-
tem footprint, and manufacturability cost. The RFFM8500 integrates a
Power Amplifier (PA), Single Pole Double Throw switch (SP2T), LNA and a
power detector coupler for improved accuracy. The device is provided in a
3mm x 3mm x 1.0mm, 16-pin laminate package. This module meets or
exceeds the RF Front End needs of IEEE 802.11a/n WiFi RF systems.
Features
Single Supply Voltage 3.0V to
4.8V
Integrated 5GHz Amplifier,
SPT2T TX/RX Switch, LNA,
and Power Detector Coupler
POUT = 16dBm, 11n, 54Mbps
at 2% Dynamic EVM
POUT = 16dBm, 11ac HT80
MCS9, 1.8% Dynamic EVM
Applications
IEEE802.11a/n/ac WiFi
Applications
Mobile Devices
Tablets
Consumer Electronics
Gaming
Netbooks and Notebooks
TV, Monitors, and Video
DS120904
Package: Laminate, 16-pin, 3.0mm x 3.0mm x 1.05mm


Similar Part No. - RFFM8500

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFFM8500Q RFMD-RFFM8500Q Datasheet
605Kb / 10P
4.9GHz to 5.85GHz 802.11a/n Front End Module
RFFM8500QPCBA-410 RFMD-RFFM8500QPCBA-410 Datasheet
605Kb / 10P
4.9GHz to 5.85GHz 802.11a/n Front End Module
RFFM8500QSQ RFMD-RFFM8500QSQ Datasheet
605Kb / 10P
4.9GHz to 5.85GHz 802.11a/n Front End Module
RFFM8500QSR RFMD-RFFM8500QSR Datasheet
605Kb / 10P
4.9GHz to 5.85GHz 802.11a/n Front End Module
RFFM8500QTR7 RFMD-RFFM8500QTR7 Datasheet
605Kb / 10P
4.9GHz to 5.85GHz 802.11a/n Front End Module
More results

Similar Description - RFFM8500

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFFM4501E RFMD-RFFM4501E Datasheet
166Kb / 2P
3.3V, 4.9GHz to 5.85GHz 802.11a/n/ac Front End Module
RFFM4501F RFMD-RFFM4501F Datasheet
232Kb / 9P
4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
RFFM4503 RFMD-RFFM4503 Datasheet
354Kb / 9P
4.9GHz to 5.85GHz 802.11a/n/ac Wi-Fi Front End Module
RFFM8500Q RFMD-RFFM8500Q Datasheet
605Kb / 10P
4.9GHz to 5.85GHz 802.11a/n Front End Module
RFFM8504 RFMD-RFFM8504 Datasheet
502Kb / 7P
4.9GHZ TO 5.85GHZ 802.11a/n/ac/WiFi FRONT END MODULE
RFFM8505 RFMD-RFFM8505 Datasheet
518Kb / 9P
4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
RFFM8506 RFMD-RFFM8506 Datasheet
267Kb / 9P
4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
RFFM8511 RFMD-RFFM8511 Datasheet
539Kb / 9P
4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
logo
TriQuint Semiconductor
RFFM8515 TRIQUINT-RFFM8515 Datasheet
401Kb / 8P
4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
logo
Qorvo, Inc
RFFM4501E QORVO-RFFM4501E Datasheet
166Kb / 2P
3.3V, 4.9GHz to 5.85GHz 802.11a/n/ac Front End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com