Electronic Components Datasheet Search
  English  ▼

X  

RFGA0014 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFGA0014
Description  InGaP HBT MMIC Amplifier 50MHz TO 1000MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFGA0014 Datasheet(HTML) 2 Page - RF Micro Devices

  RFGA0014 Datasheet HTML 1Page - RF Micro Devices RFGA0014 Datasheet HTML 2Page - RF Micro Devices RFGA0014 Datasheet HTML 3Page - RF Micro Devices RFGA0014 Datasheet HTML 4Page - RF Micro Devices RFGA0014 Datasheet HTML 5Page - RF Micro Devices RFGA0014 Datasheet HTML 6Page - RF Micro Devices RFGA0014 Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2 of 7
RFGA0014
DS121106
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Nominal Operating Parameters
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage (VCC)6.0
V
Device Current (ICC)130
mA
CW Input Power, 2:1 Output VSWR
20
dBm
CW Input Power, 10:1 Output VSWR
15
dBm
Operating Junction Temperature (TJ)150
°C
Operating Temperature Range (TL)-40 to +85
°C
Storage Temperature
-55 to +150
°C
ESD Rating - Human Body Model
1C (1000V)
Moisture Sensitivity Level
MSL-2
NOTES:
1. The maximum rating must all be met simultaneously.
2. PDISS = PDC + PRFIN - PRFOUT
3. TJ = TL + PDISS * RTH
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Input Power (PIN)
12
dBm
Max recommended continuous input power,
VCC < 5.0V, Load VSWR < 2:1
Gain
15.2
dB
150MHz
15.1
dB
250MHz
13.3
14.8
16.3
dB
450MHz
OIP3
41.0
dBm
150MHz (3dBm/Tone, 1MHz spacing)
39.3
dBm
250MHz (3dBm/Tone, 1MHz spacing)
35.3
37.8
dBm
450MHz (3dBm/Tone, 1MHz spacing)
P1dB
18.9
dBm
150MHz
18.8
dBm
250MHz
17.5
19.0
dBm
450MHz
Input Return Loss
18
dB
Output Return Loss
15.5
dB
Isolation
18
dB
Noise Figure
4.0
dB
Operating Current (Quiescent)
82
96
mA
At VCC = 5.0V
Operating Current
110
mA
Max recommended voltage for continuous
operation
Operating Voltage (VCC)
5.0
5.25
V
Max recommended voltage for continuous
operation
Thermal Resistance (RTH)
98
°C/W
At quiescent current, no RF, VCC = 5.0V
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RFMD Green: RoHS compliant per EU Directive 2002/95/EC, halogen free
per IEC 61249-2-21, < 1000ppm each of antimony trioxide in polymeric
materials and red phosphorus as a flame retardant, and <2% antimony in
solder.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com