Electronic Components Datasheet Search
  English  ▼

X  

RFGA0014 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFGA0014
Description  InGaP HBT MMIC Amplifier 50MHz TO 1000MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFGA0014 Datasheet(HTML) 1 Page - RF Micro Devices

  RFGA0014 Datasheet HTML 1Page - RF Micro Devices RFGA0014 Datasheet HTML 2Page - RF Micro Devices RFGA0014 Datasheet HTML 3Page - RF Micro Devices RFGA0014 Datasheet HTML 4Page - RF Micro Devices RFGA0014 Datasheet HTML 5Page - RF Micro Devices RFGA0014 Datasheet HTML 6Page - RF Micro Devices RFGA0014 Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1 of 7
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2012, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Ordering Information
RFGA0014
InGaP HBT MMIC Amplifier
50MHz TO 1000MHz
The RFGA0014 is a high performance InGaP HBT MMIC amplifier. The RFGA0014's
internal active bias circuitry allows the amplifier to operate directly from a 5V supply
and provides stable current over temperature and process Beta variation. This Dar-
lington amplifier is internally matched to 50
 making it ideal for applications
requiring small footprints and minimal external components.
Features
Low Cost
Broadband Gain
Internally Matched
Internal Active Bias
No Dropping Resistor
Single Supply 5V Operation
HBM ESD Level >1000V
Applications
Transceiver IF Amplifier
LO Buffer Amplifier
Cellular, PCS, GSM, UMTS, LTE,
TD-SCDMA
Wireless Data, Satellite
Terminalsfio
DS121106
Package: SOT-89
RFGA0014
InGaP HBT
MMIC Ampli-
fier 50MHz TO
1000MHz
RFGA0014SR
7” Sample reel with 100 pieces
RFGA0014SQ
Sample bag with 25 pieces
RFGA0014TR13
13” Reel with 2500 pieces
RFGA0014PCK-410
50MHz to 500MHz PCBA with 5-piece sample bag


Similar Part No. - RFGA0014

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFGA0024 RFMD-RFGA0024 Datasheet
491Kb / 7P
InGaP HBT MMIC Amplifier 50MHz TO 1000MHz
RFGA0024PCK-410 RFMD-RFGA0024PCK-410 Datasheet
491Kb / 7P
InGaP HBT MMIC Amplifier 50MHz TO 1000MHz
RFGA0024SQ RFMD-RFGA0024SQ Datasheet
491Kb / 7P
InGaP HBT MMIC Amplifier 50MHz TO 1000MHz
RFGA0024SR RFMD-RFGA0024SR Datasheet
491Kb / 7P
InGaP HBT MMIC Amplifier 50MHz TO 1000MHz
RFGA0024TR13 RFMD-RFGA0024TR13 Datasheet
491Kb / 7P
InGaP HBT MMIC Amplifier 50MHz TO 1000MHz
More results

Similar Description - RFGA0014

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SBB-1000 RFMD-SBB-1000 Datasheet
205Kb / 6P
50MHZ TO 1000MHZ, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB-2000 RFMD-SBB-2000 Datasheet
204Kb / 6P
50MHZ TO 1000MHZ, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
CGA-7718Z RFMD-CGA-7718Z Datasheet
440Kb / 8P
PUSH-PULL 50MHz to 1000MHz HIGH LINEARITY InGaP HBT AMPLIFIER
CGB-1089Z RFMD-CGB-1089Z Datasheet
314Kb / 8P
50MHz to 1000MHz SINGLE ENDED InGaP/GaAs HBT MMIC CATV AMPLIFIER
CGA-7718Z RFMD-CGA-7718Z_12 Datasheet
450Kb / 8P
PUSH-PULL 50MHz to 1000MHz HIGH LINEARITY InGaP HBT AMPLIFIER
RFGA0024 RFMD-RFGA0024 Datasheet
491Kb / 7P
InGaP HBT MMIC Amplifier 50MHz TO 1000MHz
RFGA2044 RFMD-RFGA2044 Datasheet
570Kb / 8P
InGaP HBT MMIC AMPLIFIER 50MHz TO 3000MHz
RFGA2054 RFMD-RFGA2054 Datasheet
566Kb / 8P
InGaP HBT MMIC AMPLIFIER 50MHz TO 3000MHz
logo
Qorvo, Inc
RFGA2044 QORVO-RFGA2044 Datasheet
1Mb / 11P
50MHz-3000MHz, InGap HBT MMIC Amplifier
CGA-7718Z QORVO-CGA-7718Z Datasheet
450Kb / 8P
PUSH-PULL 50MHz to 1000MHz HIGH LINEARITY InGaP HBT AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com