Electronic Components Datasheet Search
  English  ▼

X  

RFGA0014 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RFGA0014
Description  InGaP HBT MMIC Amplifier 50MHz TO 1000MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFGA0014 Datasheet(HTML) 6 Page - RF Micro Devices

  RFGA0014 Datasheet HTML 1Page - RF Micro Devices RFGA0014 Datasheet HTML 2Page - RF Micro Devices RFGA0014 Datasheet HTML 3Page - RF Micro Devices RFGA0014 Datasheet HTML 4Page - RF Micro Devices RFGA0014 Datasheet HTML 5Page - RF Micro Devices RFGA0014 Datasheet HTML 6Page - RF Micro Devices RFGA0014 Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6 of 7
RFGA0014
DS121106
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Evaluation Board Assembly Drawing
Pin Names and Descriptions
Pin
Name
Description
1RF IN
RF Input. External DC block is required.
2GND
DC and RF Ground
3RF OUT/VCC RF Output, Device Collector
4GND
DC and RF Ground. Must be soldered to EVB ground plane over a bed of vias for thermal and RF perfor-
mance.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com