Electronic Components Datasheet Search
  English  ▼

X  

RFGA0014 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RFGA0014
Description  InGaP HBT MMIC Amplifier 50MHz TO 1000MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFGA0014 Datasheet(HTML) 4 Page - RF Micro Devices

  RFGA0014 Datasheet HTML 1Page - RF Micro Devices RFGA0014 Datasheet HTML 2Page - RF Micro Devices RFGA0014 Datasheet HTML 3Page - RF Micro Devices RFGA0014 Datasheet HTML 4Page - RF Micro Devices RFGA0014 Datasheet HTML 5Page - RF Micro Devices RFGA0014 Datasheet HTML 6Page - RF Micro Devices RFGA0014 Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4 of 7
RFGA0014
DS121106
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Typical Performance: 50MHz to 500MHz Application Circuit
0
1
2
3
4
5
6
7
0.0
0.2
0.4
0.6
0.8
1.0
Frequency (GHz)
Noise Figure versus Frequency
25°C
85°C
0
20
40
60
80
100
120
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Voltage (V)
Current versus Voltage
25°C
-40°C
85°C




























,QSXW 3RZHU G%P
P
OUT and Current versus Input Power (150MHz)
3287 ƒ&
3287 ƒ&
3287 ƒ&
,&& ƒ&
,&& ƒ&
,&& ƒ&




























,QSXW 3RZHU G%P
P
OUT and Current versus Input Power (450MHz)
3287 ƒ&
3287 ƒ&
3287 ƒ&
,&& ƒ&
,&& ƒ&
,&& ƒ&
























,QWSXW 3RZHU G%P
P
OUT and Current versus Input Power (850MHz)
3287 ƒ&
3287 ƒ&
3287 ƒ&
,&& ƒ&
,&& ƒ&
,&& ƒ&
40
50
60
70
80
90
100
0
0.2
0.4
0.6
0.8
1
Frequency (GHz)
Large Signal Current versus Frequency
(25
°C, 50Ω)
Input Power = +3dBm
Input Power = +6dBm
Input Power = +9dBm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com