Electronic Components Datasheet Search
  English  ▼

X  

RFMD2080 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RFMD2080
Description  45MHz TO 2700MHz IQ MODULATOR WITH SYNTHESIZER/VCO AND BASEBAND INTERFACE`
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFMD2080 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RFMD2080 Datasheet HTML 6Page - RF Micro Devices RFMD2080 Datasheet HTML 7Page - RF Micro Devices RFMD2080 Datasheet HTML 8Page - RF Micro Devices RFMD2080 Datasheet HTML 9Page - RF Micro Devices RFMD2080 Datasheet HTML 10Page - RF Micro Devices RFMD2080 Datasheet HTML 11Page - RF Micro Devices RFMD2080 Datasheet HTML 12Page - RF Micro Devices RFMD2080 Datasheet HTML 13Page - RF Micro Devices RFMD2080 Datasheet HTML 14Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10 of 19
RFMD2080
DS140110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Each GPO pin can supply up to and above 20mA load current. The output voltage of the GPO high state will drop with increased
current drive, by approximately 25mV/mA. Similarly the output voltage of the GPO low state will rise with increased current,
again by approximately 25mV/mA.
Programming Information
Please refer to the register map and programming guides which are available for download from http://rfmd.com/prod-
ucts/IntSynthModulator/.
Evaluation Boards
The evaluation board for the RFMD2080 is provided as part of a design kit, along with the necessary cables and programming
software tool to enable full evaluation of the device. The evaluation board has been configured for wideband operation; the
modulator output is connected to a wideband transmission line transformer balun. Design kits can be ordered from
www.rfmd.com or from local RFMD sales offices and authorized sales channels. For ordering codes please see "Ordering Infor-
mation" on the last page of this data sheet. For further details on how to set up the design kits please refer to the user guide
which can be downloaded from http://rfmd.com/products/IntSynthModulator/.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com