Electronic Components Datasheet Search
  English  ▼

X  

RFMD2080 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFMD2080
Description  45MHz TO 2700MHz IQ MODULATOR WITH SYNTHESIZER/VCO AND BASEBAND INTERFACE`
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFMD2080 Datasheet(HTML) 3 Page - RF Micro Devices

  RFMD2080 Datasheet HTML 1Page - RF Micro Devices RFMD2080 Datasheet HTML 2Page - RF Micro Devices RFMD2080 Datasheet HTML 3Page - RF Micro Devices RFMD2080 Datasheet HTML 4Page - RF Micro Devices RFMD2080 Datasheet HTML 5Page - RF Micro Devices RFMD2080 Datasheet HTML 6Page - RF Micro Devices RFMD2080 Datasheet HTML 7Page - RF Micro Devices RFMD2080 Datasheet HTML 8Page - RF Micro Devices RFMD2080 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3 of 19
RFMD2080
DS140110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Modulator (Output driving 4:1 balun)
I and Q Input Max 3dB Bandwidth
10
MHz
Filter Setting rctune = 0
I and Q Input Min 3dB Bandwidth
1.5
MHz
Filter Setting rctune = 63
I and Q Input Voltage
1
VP-P
Differential with 0.5V to 1.5V Input DC Bias
Output Power
-3
dBm
Output Noise Floor
-150
dBm/Hz
At 10MHz Offset
Output IP3
+18
dBm
Output P1dB
+4
dBm
Carrier Suppression
-45
dBc
Unadjusted
Carrier Suppression
-55
dBc
DC Bias Offset DACs Adjusted
Sideband Suppression
-40
dBc
Unadjusted
Output Port Center Frequency Range
45
2700
MHz
Reference Oscillator
External Reference Frequency
10
104
MHz
Reference Divider Ratio
1
7
External Reference Input Level
500
800
1500
mVP-P
AC-coupled
Synthesizer
(PLL closed loop, 52MHz reference)
Synthesizer Output frequency
90
5400
MHz
Phase Detector Frequency
52
MHz
Phase Noise, LO=1GHz
-108
dBc/Hz
10kHz Offset
-108
dBc/Hz
100kHz Offset
-135
dBc/Hz
1MHz Offset
0.19
Deg
RMS Integrated from 1KHz to 40MHz
Phase Noise, LO=2GHz
-102
dBc/Hz
10kHz Offset
-102
dBc/Hz
100kHz Offset
-130
dBc/Hz
1MHz Offset
0.32
Deg
RMS Integrated from 1KHz to 40MHz
Normalized phase noise floor
-214
dBc/Hz
Measured at 20kHz to 30kHz Offset
Voltage Controlled Oscillator
Open Loop Phase Noise at 1MHz Offset
2.5GHz LO Frequency
-134
dBc/Hz
VCO3, LO Divide by 2
2.0GHz LO Frequency
-135
dBc/Hz
VCO2, LO Divide by 2
1.5GHz LO Frequency
-136
dBc/Hz
VCO1, LO Divide by 2
Open loop phase noise at 10MHz offset
2.5GHz LO Frequency
-149
dBc/Hz
VCO3, LO Divide by 2
2.0GHz LO Frequency
-150
dBc/Hz
VCO2, LO Divide by 2
1.5GHz LO Frequency
-151
dBc/Hz
VCO1, LO Divide by 2
External LO Input
LO Input Frequency Range
90
5400
MHz
External LO Input Level
0
dBm
Driven from 50
 source via a 1:1 balun



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com