Electronic Components Datasheet Search
  English  ▼

X  

RFMD2080 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFMD2080
Description  45MHz TO 2700MHz IQ MODULATOR WITH SYNTHESIZER/VCO AND BASEBAND INTERFACE`
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFMD2080 Datasheet(HTML) 2 Page - RF Micro Devices

  RFMD2080 Datasheet HTML 1Page - RF Micro Devices RFMD2080 Datasheet HTML 2Page - RF Micro Devices RFMD2080 Datasheet HTML 3Page - RF Micro Devices RFMD2080 Datasheet HTML 4Page - RF Micro Devices RFMD2080 Datasheet HTML 5Page - RF Micro Devices RFMD2080 Datasheet HTML 6Page - RF Micro Devices RFMD2080 Datasheet HTML 7Page - RF Micro Devices RFMD2080 Datasheet HTML 8Page - RF Micro Devices RFMD2080 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2 of 19
RFMD2080
DS140110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage (VDD)
-0.5 to +3.6
V
Input Voltage (VIN), any pin
-0.3 to VDD+0.3
V
LO Input Power
+15
dBm
Operating Temperature Range
-40 to +85
°C
Storage Temperature Range
-65 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
ESD Requirements
Human Body Model
2000
V
DC Pins
1500
V
All Pins
Charge Device Model
1000
V
All Pins
Operating Conditions
Supply Voltage (VDD)3.0
3.3
V
Temperature
-40
+85
°C
Logic Inputs/Outputs
(VDD = Supply to DIG_VDD pin)
Input Low voltage
-0.3
+0.5
V
Input High voltage
VDD / 1.5
VDD
V
Input Low current
-10
+10
AInput = 0V
Input High current
-10
+10
AInput = VDD
Output Low voltage
0
0.2*VDD
V
Output High voltage
0.8*VDD
VDD
V
Load Resistance
10
K
Load Capacitance
20
pF
GPO Drive Capability
Sink Current
20
mA
At VOL = +0.6V
Source Current
20
mA
At VOH = +2.4V
Output Impedance
25
Static
Supply Current (IDD)155
mA
Standby
2
mA
Reference Oscillator and Bandgap Only
Power Down Current
300
A
ENBL = 0 and REF_STBY = 0
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RFMD Green: RoHS compliant per EU Directive 2002/95/EC, halogen free
per IEC 61249-2-21, < 1000ppm each of antimony trioxide in polymeric
materials and red phosphorus as a flame retardant, and <2% antimony in
solder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com