Electronic Components Datasheet Search
  English  ▼

X  

RFMD2080 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RFMD2080
Description  45MHz TO 2700MHz IQ MODULATOR WITH SYNTHESIZER/VCO AND BASEBAND INTERFACE`
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFMD2080 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RFMD2080 Datasheet HTML 3Page - RF Micro Devices RFMD2080 Datasheet HTML 4Page - RF Micro Devices RFMD2080 Datasheet HTML 5Page - RF Micro Devices RFMD2080 Datasheet HTML 6Page - RF Micro Devices RFMD2080 Datasheet HTML 7Page - RF Micro Devices RFMD2080 Datasheet HTML 8Page - RF Micro Devices RFMD2080 Datasheet HTML 9Page - RF Micro Devices RFMD2080 Datasheet HTML 10Page - RF Micro Devices RFMD2080 Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7 of 19
RFMD2080
DS140110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
External Reference
The RFMD2080 has been designed to use an external reference such as a TCXO. The typical input will be a 0.8Vp-p clipped
sine wave, which should be AC-coupled into the reference input. When the PLL is not in use, it may be desirable to turn off the
internal reference circuits, by setting the REFSTBY bit low, to minimize current draw while in standby mode.
On cold start, or if REFSTBY is programmed low, the TCXO will need a warm-up period. This is set by the SU_WAIT bits. This will
allow the clock to be stable and immediately available when the ENBL bit is asserted high, allowing the PLL to assume normal
operation.
If the current consumption of the reference circuits in standby mode, typically 2mA, is not critical, then the REFSTBY bit can be
set high. This allows the fastest startup and lock time after ENBL is taken high.
IQ Modulator
The IQ modulator core of the RFMD2080 is wideband covering from 45MHz to 2700MHz. It has been designed to achieve
exceptional linearity for the amount of DC power consumed.
The modulator mixer cores have four coarse gain/current settings. Each setting steps the gain and linearity by 6dB and can be
used to optimize performance or reduce power consumption. The best linearity is achieved using the modulator bias setting
MODDC=4. This setting adjusts bias mixer current and can be used to trade off linearity and current consumption.
The modulator output is differential and requires a balun and simple matching circuit optimized to the specific application fre-
quencies. The modulator output pins are also used to source current for the modulator mixer circuits, about 10mA on each pin.
This is usually via a center-tapped balun or by RF chokes in the external matching circuitry to the supply. The modulator output
is high impedance, consisting of approximately 2K
 resistance in parallel with some capacitance, approximately 1pF. The
modulator output does not require a conjugate matching network. It is a constant current output which will drive a real differ-
ential load of typically 200
. Since the mixer output is a constant current source, a higher resistance load will give higher out-
put power and gain. A shunt inductor can be used to resonate with the mixer output capacitance at the frequency of interest.
This inductor may not be required at lower frequencies where the impedance of the output capacitance is less significant. At
higher output frequencies the inductance of the bond wires (about 0.5nH on each pin) becomes more significant.
The following diagram is a simple model of the modulator output:
It is recommended to use a 4:1 balun on the modulator output, presenting 200
 to the output in a single ended 50 system.
The RFMD2080 evaluation board has an RFXF8553 wideband transmission line transformer.
Baseband Section
The RFMD2080 features a baseband section that consists of an active low pass filter, variable attenuator and DC offset con-
trol circuitry. DC offset calibration is performed using digital-to-analog converters (DACs) that apply an offset voltage to various
parts of the circuit to compensate for DC offsets introduced by the internal buffers and the mixer core. This can be done to opti-
mize LO suppression by setting registers to program the DAC offset voltages.
0.5nH
0.5nH
1K
1pF
1K
RFMD2080
RF Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com