Electronic Components Datasheet Search
  English  ▼

X  

RFPA2013 Datasheet(PDF) 12 Page - RF Micro Devices

Part # RFPA2013
Description  GaAs HBT Power Amplifier 0.5W, 400MHz to 2700MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA2013 Datasheet(HTML) 12 Page - RF Micro Devices

Back Button RFPA2013 Datasheet HTML 8Page - RF Micro Devices RFPA2013 Datasheet HTML 9Page - RF Micro Devices RFPA2013 Datasheet HTML 10Page - RF Micro Devices RFPA2013 Datasheet HTML 11Page - RF Micro Devices RFPA2013 Datasheet HTML 12Page - RF Micro Devices RFPA2013 Datasheet HTML 13Page - RF Micro Devices RFPA2013 Datasheet HTML 14Page - RF Micro Devices RFPA2013 Datasheet HTML 15Page - RF Micro Devices RFPA2013 Datasheet HTML 16Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12 of 20
RFPA2013
DS130219
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at ((+1) 336-678-5570 or c
customerservice@rfmd.com.
Typical Performance: 2550MHz to 2650MHz Application Circuit
37
38
39
40
41
42
43
44
45
46
47
2.55
2.57
2.59
2.61
2.63
2.65
Frequency (GHz)
OIP3 versus Frequency (15dBm Tones)
+25°C
-40°C
+85°C
140
160
180
200
220
240
260
0
5
10
15
20
25
30
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
14
16
Input Power (dBm)
Output Power & Icc versus Input Power @ 2600MHz
Pout_25C
Pout_-40C
Pout_85C
Icc_25C
Icc_-40C
Icc_85C
37
38
39
40
41
42
43
44
45
46
47
10
11
12
13
14
15
16
17
18
19
20
Output Power Per Tone (dBm)
OIP3 versus Output Power (2600MHz)
+25°C
-40°C
+85°C
-80
-75
-70
-65
-60
-55
-50
-45
-40
8
9
10
11
12
13
14
15
16
17
18
19
Channel Power Out (dBm)
ACPR versus WCDMA Output Power (25C)
2.57GHz
2.6GHz
2.62GHz
WCDMA_TM1_64DPCH_1C
10.3dB PAR at 0.01%
-80
-75
-70
-65
-60
-55
-50
-45
-40
8
9
10
11
12
13
14
15
16
17
18
19
Channel Power Out (dBm)
ACPR versus WCDMA Output Power (2600MHz)
+25°C
-40°C
+85°C
WCDMA_TM1_64DPCH_1C
10.3dB PAR at 0.01%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com