Electronic Components Datasheet Search
  English  ▼

X  

RFPA2013 Datasheet(PDF) 16 Page - RF Micro Devices

Part # RFPA2013
Description  GaAs HBT Power Amplifier 0.5W, 400MHz to 2700MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA2013 Datasheet(HTML) 16 Page - RF Micro Devices

Back Button RFPA2013 Datasheet HTML 12Page - RF Micro Devices RFPA2013 Datasheet HTML 13Page - RF Micro Devices RFPA2013 Datasheet HTML 14Page - RF Micro Devices RFPA2013 Datasheet HTML 15Page - RF Micro Devices RFPA2013 Datasheet HTML 16Page - RF Micro Devices RFPA2013 Datasheet HTML 17Page - RF Micro Devices RFPA2013 Datasheet HTML 18Page - RF Micro Devices RFPA2013 Datasheet HTML 19Page - RF Micro Devices RFPA2013 Datasheet HTML 20Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16 of 20
RFPA2013
DS130219
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at ((+1) 336-678-5570 or c
customerservice@rfmd.com.
Evaluation Board Schematic
2600MHz to 2700MHz Application Circuit
Evaluation Board Bill of Materials (BOM)
2600MHz to 2700MHz Application Circuit
Description
Reference Designator
Manufacturer
Manufacturer's P/N
Evaluation Board
DDI
PA2013410(B)
GaAs HBT Power Amplifier
U1
RFMD
RFPA2013
CAP, 10
PF, 20%, 10V, TANT-A
C1
Kemet
T491A106M010AT
CAP, 0.1
PF, 10%, 16V, X7R, 0402
C2
Murata Electronics
GRM155R71C104KA88D
CAP, 1000pF, 10%, 50V, X7R, 0402
C3
Murata Electronics
GRM155R71H102KA01D
CAP, 10pF, 5%, 50V, C0G, 0402
C4
Murata Electronics
GRM1555C1H100JZ01E
CAP, 1.8pF, +/-0.1PF, 50V, Hi-Q, 0402
C18
Johanson Technology
500R07S1R8BV4TD
CAP, 33pF, 5%, 50V, C0G, 0402
C6
Murata Electronics
GRM1555C1H330JZ01E
CAP, 0.9pF, +/-0.1pF, 50V, HI-Q, 0402
C7
Johanson Technology
500R07S0R9BV4TD
CAP, 2.7pF, +/-0.1pF, 50V, HI-Q, 0402
C9
Johanson Technology
500R07S2R7BV4TD
CONN, SMA, END LNCH, MINI, FLT, 0.068"
J1-J2
Emerson Networks
142-0741-851
IND, 24nH, 5%, W/W, 0603
L1
Coilcraft, Inc.
0603HC-24NXJLW
CONN, HDR, ST, PLRZD, 4-PIN, 0.100"
P1
ITW Pancon
MPSS100-4-C
RES, 0Ÿ, 0402
R1
Kamaya, Inc
RMC1/16SJPTH
RES, 470Ÿ, 5%, 1/16W, 0402
R2
Kamaya, Inc
RMC1/16S-471JTH
RES, 1K, 5%, 1/16W, 0402
R3
Kamaya, Inc
RMC1/16S-102JTH
RES, 365Ÿ, 1%, 1/16W, 0402
R4
Panasonic Industrial Co.
ERJ-2RKF3650X
DO NOT PLACE (DNP)
C5, C8, C10-C17, C19-C23, R5-R6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com