Electronic Components Datasheet Search
  English  ▼

X  

RFPA2013 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RFPA2013
Description  GaAs HBT Power Amplifier 0.5W, 400MHz to 2700MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA2013 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RFPA2013 Datasheet HTML 2Page - RF Micro Devices RFPA2013 Datasheet HTML 3Page - RF Micro Devices RFPA2013 Datasheet HTML 4Page - RF Micro Devices RFPA2013 Datasheet HTML 5Page - RF Micro Devices RFPA2013 Datasheet HTML 6Page - RF Micro Devices RFPA2013 Datasheet HTML 7Page - RF Micro Devices RFPA2013 Datasheet HTML 8Page - RF Micro Devices RFPA2013 Datasheet HTML 9Page - RF Micro Devices RFPA2013 Datasheet HTML 10Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6 of 20
RFPA2013
DS130219
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at ((+1) 336-678-5570 or c
customerservice@rfmd.com.
Evaluation Board Schematic
869MHz to 894MHz Application Circuit
Evaluation Board Bill of Materials (BOM)
869MHz to 894MHz Application Circuit
Description
Reference Designator
Manufacturer
Manufacturer's P/N
Evaluation Board
PA2013411(A)
GaAs HBT Power Amplifier
U1
RFMD
RFPA2013
CAP, 10
PF, 20%, 10V, TANT-A
C1
Kemet
T491A106M010AT
CAP, 0.1
PF, 10%, 16V, X7R, 0402
C2
Murata Electronics
GRM155R71C104KA88D
CAP, 1000pF, 10%, 50V, X7R, 0402
C3
Murata Electronics
GRM155R71H102KA01D
CAP, 10pF, 5%, 50V, C0G, 0402
C4, C6
Murata Electronics
GRM1555C1H100JZ01E
CAP, 100pF, 5%, 50V, C0G, 0402
C5, C8
Murata Electronics
GRM1555C1H101JA01D
CAP, 3.6pF, ±0.25pF, 50V, C0G, 0402
C7
Murata Electronics
GRM1555C1H3R6CZ01E
CONN, SMA, END LNCH, MINI, FLT, 0.068”
J1, J2
Emerson Networks
142-0741-851
IND, 24nH, 5%, W/W, 0603
L1
Coilcraft, Inc.
0603HC-24NXJLW
IND, 12nH, 10%, M/L, 0402
L2
TOKO Inc.
LL1005-FHL12NJ
IND, 5.6nH, ±0.3nH, M/L, 0402
L3
TOKO Inc.
LL1005-FH5N6S
IND, 47nH, 5%, M/L, 0402
L4
TOKO Inc.
LL1005-FH47NJ
IND, 1.8nH, ±0.3nH, M/L, 0402
L5
TOKO Inc.
LL1005-FH1N8S
CONN, HDR, ST, PLRZD, 4-PIN, 0.100”
P1
ITW Pancon
MPSS100-4-C
RES, 0
:, 0402
R1
KAMAYA, INC
RMC1/16SJPTH
RES, 365
:, 1%, 1/16W, 0402
R2
PANASONIC INDUSTRIAL CO
ERJ-2RKF3650
RES, 1.0K, 1%, 1/16W, 0402
R3
PANASONIC INDUSTRIAL CO
ERJ-2RKF1001
RES, 130
:, 5%, 1/16W, 0402
R4
PANASONIC INDUSTRIAL CO
ERJ-2GEJ131



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com