Electronic Components Datasheet Search
  English  ▼

X  

RFPA2226 Datasheet(PDF) 11 Page - RF Micro Devices

Part # RFPA2226
Description  2.2GHz TO 2.7GHz 2W InGaP AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA2226 Datasheet(HTML) 11 Page - RF Micro Devices

Back Button RFPA2226 Datasheet HTML 7Page - RF Micro Devices RFPA2226 Datasheet HTML 8Page - RF Micro Devices RFPA2226 Datasheet HTML 9Page - RF Micro Devices RFPA2226 Datasheet HTML 10Page - RF Micro Devices RFPA2226 Datasheet HTML 11Page - RF Micro Devices RFPA2226 Datasheet HTML 12Page - RF Micro Devices RFPA2226 Datasheet HTML 13Page - RF Micro Devices RFPA2226 Datasheet HTML 14Page - RF Micro Devices RFPA2226 Datasheet HTML 15Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11 of 17
RFPA2226
DS121010
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Package Drawing
Dimensions in millimeters (inches)
Refer to drawing posted at www.rfmd.com for tolerances.
Pin Names and Descriptions
Pin
Name
Description
1VBIAS
This is the supply voltage for the active bias circuit.
2RF IN
This is the RF input pin and has a DC voltage present. An external DC block is required.
3VPC
Power up/down control pin. The voltage on this pin should never exceed the voltage on pin 1 by more
than 0.5V unless the supply current from pin 3 is limited <10mA.
4VDET
This is the output port for the power detector. It samples the power at the input of the amplifier.
5
RF OUT/VCC This is the RF output pin and DC connection to the collector.
6NC
This pin is not connected internal to the package. Buss it to pin 5 as shown on the app circuit to achieve
the specified performance.
Pkg Base
GND
These pins are DC connected to the backside paddle. They provide good thermal connection to the back-
side paddle for hand soldering and rework. Many thermal and electrical GND vias are recommended as
shown in the landing pattern.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com