Electronic Components Datasheet Search
  English  ▼

X  

RFPA2226 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFPA2226
Description  2.2GHz TO 2.7GHz 2W InGaP AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA2226 Datasheet(HTML) 1 Page - RF Micro Devices

  RFPA2226 Datasheet HTML 1Page - RF Micro Devices RFPA2226 Datasheet HTML 2Page - RF Micro Devices RFPA2226 Datasheet HTML 3Page - RF Micro Devices RFPA2226 Datasheet HTML 4Page - RF Micro Devices RFPA2226 Datasheet HTML 5Page - RF Micro Devices RFPA2226 Datasheet HTML 6Page - RF Micro Devices RFPA2226 Datasheet HTML 7Page - RF Micro Devices RFPA2226 Datasheet HTML 8Page - RF Micro Devices RFPA2226 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1 of 17
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2012, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Ordering Information
BiFET HBT
LDMOS
RFPA2226
RFPA2226
2.2GHz TO 2.7GHz 2W InGaP AMPLIFIER
RFMD’s RFPA2226 is a high linearity single stage class AB Heterojunction Bipolar
Transistor (HBT) amplifier housed in a proprietary surface-mountable plastic encap-
sulated package. This HBT amplifier is made with InGaP on GaAs device technology
and fabricated with MOCVD for an ideal combination of low cost and high reliability.
This product is specifically designed as a flexible final or driver stage for 802.16
and 802.11 equipment in the 2.2GHz to 2.7GHz bands. It can run from a 3V to 6V
supply. It is prematched to ~50
 on the input for broadband performance and ease
of matching at the board level. It features an output power detector, on/off power
control, ESD protection, excellent overall robustness and a proprietary hand rework-
able and thermally enhanced QFN package. This product features a RoHS Compli-
ant and Green package with matte tin finish.
Features
P1dB=33.5dBm at 5V, 2.4GHz
802.11g 54Mb/s Class AB
Performance
POUT=26dBm at 2.5% EVM,
VCC 5V
POUT=27dBm at 2.5% EVM,
VCC 6V
On-Chip Output Power Detector
Input Prematched to ~5
Proprietary Low Thermal
Resistance Package
Hand Solderable and Easy
Rework
Power Up/Down control <1
s
Applications
802.16 WiMAX Driver or Output
Stage
2.4GHz 802.11 WiFi and ISM
Applications
DS121010
Package: QFN
RFPA2226
2.2GHz to
2.7GHz 2W
InGaP AMPLI-
FIER
RFPA2226SQ
Standard 25-piece bag
RFPA2226SR
Standard 100-piece reel
RFPA2226
Standard 1000-piece reel
RFPA2226-EVB1
Evaluation Board 2.4GHz to 2.5GHz Tune
RFPA2226-EVB2
Evaluation Board 2.5GHz to 2.7GHz Tune


Similar Part No. - RFPA2226

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA2224 RFMD-RFPA2224 Datasheet
1Mb / 19P
Single-Stage Power Amplifier 1W, 700MHz to 2700MHz
RFPA2224PCK-410 RFMD-RFPA2224PCK-410 Datasheet
1Mb / 19P
Single-Stage Power Amplifier 1W, 700MHz to 2700MHz
RFPA2224PCK-411 RFMD-RFPA2224PCK-411 Datasheet
1Mb / 19P
Single-Stage Power Amplifier 1W, 700MHz to 2700MHz
RFPA2224PCK-412 RFMD-RFPA2224PCK-412 Datasheet
1Mb / 19P
Single-Stage Power Amplifier 1W, 700MHz to 2700MHz
RFPA2224SQ RFMD-RFPA2224SQ Datasheet
1Mb / 19P
Single-Stage Power Amplifier 1W, 700MHz to 2700MHz
More results

Similar Description - RFPA2226

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SZM-2066Z SIRENZA-SZM-2066Z Datasheet
641Kb / 13P
2.4-2.7GHz 2W Power Amplifier
SZP-2026Z SIRENZA-SZP-2026Z Datasheet
558Kb / 12P
2.2-2.7GHz 2W InGaP Amplifier
SPB-2026Z SIRENZA-SPB-2026Z Datasheet
317Kb / 12P
1.7-2.2GHz 2W InGaP Amplifier
logo
RF Micro Devices
SPA-1426Z RFMD-SPA-1426Z Datasheet
517Kb / 14P
0.7GHz to 2.2GHz 1W InGaP HBT AMPLIFIER
SPA-1526Z RFMD-SPA-1526Z Datasheet
374Kb / 14P
0.7GHz to 2.2GHz 2W InGaP HBT AMPLIFIER
logo
SIRENZA MICRODEVICES
SZM-2166Z SIRENZA-SZM-2166Z Datasheet
683Kb / 16P
2.3-2.7GHz 2W Power Amplifier
SZP-5026Z SIRENZA-SZP-5026Z Datasheet
397Kb / 14P
4.9GHz to 5.9GHz 2W InGaP AMPLIFIER
logo
RF Micro Devices
RFPA5026 RFMD-RFPA5026 Datasheet
1Mb / 16P
4.9GHz TO 5.9GHz 2W InGaP AMPLIFIER
SZM-2066Z RFMD-SZM-2066Z Datasheet
1Mb / 18P
2.4GHz to 2.7GHz 2W POWER AMPLIFIER
SZM-2166Z RFMD-SZM-2166Z Datasheet
849Kb / 21P
2.3GHz to 2.7GHz 2W POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com