Electronic Components Datasheet Search
  English  ▼

X  

RFPA2226 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFPA2226
Description  2.2GHz TO 2.7GHz 2W InGaP AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA2226 Datasheet(HTML) 3 Page - RF Micro Devices

  RFPA2226 Datasheet HTML 1Page - RF Micro Devices RFPA2226 Datasheet HTML 2Page - RF Micro Devices RFPA2226 Datasheet HTML 3Page - RF Micro Devices RFPA2226 Datasheet HTML 4Page - RF Micro Devices RFPA2226 Datasheet HTML 5Page - RF Micro Devices RFPA2226 Datasheet HTML 6Page - RF Micro Devices RFPA2226 Datasheet HTML 7Page - RF Micro Devices RFPA2226 Datasheet HTML 8Page - RF Micro Devices RFPA2226 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3 of 17
RFPA2226
DS121010
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Typical Performance 2.4GHz to 2.5GHz and 2.5GHz to 2.7GHz App Circuits
(VCC = 5V, 802.11g 54Mb/s 64QAM)
Pin Out
Parameter
Unit
*2.4GHz
*2.5GHz
**2.6GHz
**2.7GHz
Gain
dB
13.3
13.0
12.8
12.7
P1dB
dBm
33.5
33.3
33.6
33.3
POUT at 2.5% EVM
dBm
26.0
26.0
26.2
26.0
Current at POUT at 2.5% EVM
mA
550
545
570
570
Input Return Loss
dB
16.0
12.0
17.0
13.0
Output Return Loss
dB
16.0
16.0
17.0
15.0
*Measured with 2.4GHz to 2.5GHz Applications Circuit
**Measured with 2.5GHz to 2.7GHz Applications Circuit
VBIAS
RFIN
VPC
VDET
RFOUT/VCC
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com